Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206JFNPOEBB121 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # CC1206JFNPOEBB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206JFNPOEBB121 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button CC1206JFNPOEBB121 Datasheet HTML 5Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 6Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 7Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 8Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 9Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 10Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 11Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 12Page - YAGEO Corporation CC1206JFNPOEBB121 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Jan. 16, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
11
13
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Resistance to
Soldering
Heat
4.9
Precondition: 150 +0/–10 °C for 1 hour, then
keep for 24 ± 1 hours at room temperature
Preheating: for size ≤ 1206: 120 °C to 150 °C for
1 minute
Preheating: for size >1206: 100 °C to 120 °C for
1 minute and 170 °C to 200 °C for 1 minute
Solder bath temperature: 260 ± 5 °C
Dipping time: 10 ± 0.5 seconds
Recovery time: 24 ±2 hours
Dissolution of the end face plating shall not
exceed 25% of the length of the edge
concerned
∆C/C
Class 1:
NP0: within ± 0.5% or 0.5 pF, whichever is greater
Class2:
X7R: ± 10%
D.F. within initial specified value
Rins within initial specified value
Solderability
4.10 Preheated to a temperature of 80 °C to 140 °C
and maintained for 30 seconds to 60 seconds.
1. Temperature: 235± 5°C / Dipping time: 2 ± 0.5 s
2. Temperature: 245± 5°C / Dipping time: 3 ± 0.5 s
(lead free)Depth of immersion: 10mm
The solder should cover over 95% of the critical
area of each termination
Rapid Change
of
Temperature
IEC 60384-
21/22
4.11 Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ± 1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ± 2 hours
No visual damage
∆C/C
Class 1:
NP0: within ± 1% or 1 pF, whichever is greater
Class2:
X7R: ± 15%
D.F. meet initial specified value
Rins meet initial specified value
Damp Heat
4.13 1. Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2.
Initial measure:
Spec: refer to initial spec C, D, IR
3.
Damp heat test:
500 ± 12 hours at 40 ±2 °C;
90 to 95% R.H.
4.
Recovery:
Class 1: 6 to 24 hours
Class 2: 24 ± 2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the
minimum value permitted, then after the other
measurements have been made the capacitor shall
be preconditioned according to “IEC 60384 4.1”
and then the requirement shall be met.
No visual damage after recovery
∆C/C
Class 1:
NP0: within ± 2% or 1 pF, whichever is greater
Class2:
X7R: ± 15%
D.F.
Class 1:
NP0: ≤ 2 x specified value
Class2:
X7R: ≥ 25 V: ≤ 5%
Rins
Class 1:
NP0: ≥ 2,500 MΩ or Rins x Cr ≥ 25s whichever is
less
Class2:
X7R: ≥ 500 MΩ or Rins x Cr ≥ 25s whichever is
less


Similar Part No. - CC1206JFNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206JFNPO0BB121 YAGEO-CC1206JFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1206JFNPO0BB121 TDK-CC1206JFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1206JFNPO0BB121 YAGEO-CC1206JFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JFNPO0BN121 YAGEO-CC1206JFNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1206JFNPO0BN121 TDK-CC1206JFNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206JFNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com