Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP2101 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP2101
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2101 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP2101 Datasheet HTML 4Page - Intersil Corporation HIP2101 Datasheet HTML 5Page - Intersil Corporation HIP2101 Datasheet HTML 6Page - Intersil Corporation HIP2101 Datasheet HTML 7Page - Intersil Corporation HIP2101 Datasheet HTML 8Page - Intersil Corporation HIP2101 Datasheet HTML 9Page - Intersil Corporation HIP2101 Datasheet HTML 10Page - Intersil Corporation HIP2101 Datasheet HTML 11Page - Intersil Corporation HIP2101 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9025.8
HIP2101
Dual Flat No-Lead Plastic Package (DFN)
Micro Lead Frame Plastic Package (MLFP)
TOP VIEW
INDEX
D1/2
D1
D/2
D
E1/2
E/2
E1
E
A
2X
0.15
B
C
A
N
BOTTOM VIEW
SEATING
PLANE
5
6
2
3
1
0.10
NX b
A1
C
2X
C
0.15
0.15
2X
B
0
A1
A
C
C
B
2X
A
C
0.15
A2
A3
AREA
//
SIDE VIEW
0.08
C
4X
9
L
5
NX b
4X P
N
e
B
0.10
C A
D2
E2
1
(Nd-1)Xe
REF.
3
2
M
7
8
8
7
6
AREA
INDEX
N-1
D2/2
NX k
5
E2/2
e
FOR EVEN TERMINAL/SIDE
L
C
TERMINAL TIP
C
C
L12.4x4A
12 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
-
0.85
0.90
-
A1
0.00
0.01
0.05
-
A2
-
0.65
0.70
-
A3
0.20 REF
-
b
0.18
0.23
0.30
5, 8
D
4.00 BSC
-
D1
3.75 BSC
-
D2
2.65
2.80
2.95
7, 8
E
4.00 BSC
-
E1
3.75 BSC
-
E2
1.43
1.58
1.73
7, 8
e
0.50 BSC
-
k
0.635
-
-
-
L
0.30
0.40
0.50
8
N12
2
Nd
6
3
P
0.24
0.42
0.60
-
θ
--
12
-
Rev. 0 8/03
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. N is the number of terminals.
3. Nd refer to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. COMPLIANT TO JEDEC MO-229-VGGD-2 ISSUE C except for
the L dimension.


Similar Part No. - HIP2101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2101 INTERSIL-HIP2101 Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2101 INTERSIL-HIP2101 Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2101EIB INTERSIL-HIP2101EIB Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2101EIB INTERSIL-HIP2101EIB Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
More results

Similar Description - HIP2101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
   100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com