Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP2101 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HIP2101
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HIP2101 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9025.8
Timing Diagrams
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive Supply to lower gate drivers. De-couple this pin to VSS. Bootstrap diode connected to HB.
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin.
Bootstrap diode is on-chip.
HO
High-Side Output. Connect to gate of High-Side power MOSFET.
HS
High-Side Source connection. Connect to source of High-Side power MOSFET. Connect negative side of bootstrap capacitor to
this pin.
HI
High-Side input.
LI
Low-Side input.
VSS
Chip negative supply, generally will be ground.
LO
Low-Side Output. Connect to gate of Low-Side power MOSFET.
EPAD
Exposed pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.
FIGURE 3.
FIGURE 4.
tHPLH,
tLPLH
tHPHL,
tLPHL
HI
,
LI
HO
,
LO
tMON
tMOFF
LI
HI
LO
HO
Typical Performance Curves
FIGURE 5A.
FIGURE 5B.
FIGURE 5. OPERATING CURRENT vs FREQUENCY
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0.000
10
30
50
70
200
400
600
800
1000
90
150°C
FREQUENCY (kHz)
125°C
25°C
-40°C
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0.000
10
30
50
70
200
400
600
800
1000
FREQUENCY (kHz)
90
150°C, 125°C
25°C
-40°C
HIP2101


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn