Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP2101 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HIP2101
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2101 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP2101 Datasheet HTML 1Page - Intersil Corporation HIP2101 Datasheet HTML 2Page - Intersil Corporation HIP2101 Datasheet HTML 3Page - Intersil Corporation HIP2101 Datasheet HTML 4Page - Intersil Corporation HIP2101 Datasheet HTML 5Page - Intersil Corporation HIP2101 Datasheet HTML 6Page - Intersil Corporation HIP2101 Datasheet HTML 7Page - Intersil Corporation HIP2101 Datasheet HTML 8Page - Intersil Corporation HIP2101 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN9025.8
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB-VHS (Notes 3, 4) . . . . . . . . -0.3V to 18V
LI and HI Voltages (Note 4) . . . . . . . . . . . . . . . . . . . . . -0.3V to 7.0V
Voltage on LO (Note 4) . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on HO (Note 4) . . . . . . . . . . . . . . . VHS -0.3V to VHB +0.3V
Voltage on HS (Continuous) (Note 4) . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +118V
Average Current in VDD to HB diode. . . . . . . . . . . . . . . . . . . 100mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 (1kV)
Maximum Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . +9V to 14.0VDC
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . VHS +8V to VHS +14.0V and VDD -1V to VDD +100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC (Note 5) . . . . . . . . . . . . . . . . . . .
95
N/A
EPSOIC (Note 6) . . . . . . . . . . . . . . . . .
40
3.0
QFN (Note 6) . . . . . . . . . . . . . . . . . . . .
37
6.5
DFN (Note 6) . . . . . . . . . . . . . . . . . . . .
40
3.0
Max Power Dissipation at 25oC in Free Air (SOIC, Note 5) . . . . 1.3W
Max Power Dissipation at 25oC in Free Air (EPSOIC, Note 6). . 3.1W
Max Power Dissipation at 25oC in Free Air (QFN, Note 6). . . . . 3.3W
Storage Temperature Range . . . . . . . . . . . . . . . . . . . -65°C to 150°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . -55°C to 150°C
Lead Temperature (Soldering 10s - SOIC Lead Tips Only). . 300°C
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the recommended operating conditions of this specification is not implied.
NOTES:
3. The HIP2101 is capable of derated operation at supply voltages exceeding 14V. Figure 16 shows the high-side voltage derating curve for this
mode of operation.
4. All voltages referenced to VSS unless otherwise specified.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25°C
TJ = -40°C TO
125°C
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS
VDD Quiescent Current
IDD
LI = HI = 0V
-
0.3
0.45
-
0.6
mA
VDD Operating Current
IDDO
f = 500kHz
-
1.7
3.0
-
3.4
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
Total HB Operating Current
IHBO
f = 500kHz
-
1.5
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
VHS = VHB = 114V
-
0.05
1.5
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz
-
0.7
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
0.8
1.65
-
0.8
-
V
High Level Input Voltage Threshold
VIH
-
1.65
2.2
-
2.2
V
Input Pulldown Resistance
RI
-
200
-
100
500
k
UNDER VOLTAGE PROTECTION
VDD Rising Threshold
VDDR
7
7.3
7.8
6.5
8
V
VDD Threshold Hysteresis
VDDH
-
0.5
---
V
HB Rising Threshold
VHBR
6.5
6.9
7.5
6
8
V
HB Threshold Hysteresis
VHBH
-
0.4
---
V
HIP2101


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn