Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M16D3LA-12BIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D3LA-12BIN
Description  96 ball FBGA PACKAGE
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D3LA-12BIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D3LA-12BIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M16D3LA-12BIN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
Ball Descriptions
Table 3. Ball Detail
Symbol
Type
Description
CK, CK#
Input
Differential Clock: CK and CK# are driven by the system clock. All SDRAM input signals
are sampled on the crossing of positive edge of CK and negative edge of CK#. Output
(Read) data is referenced to the crossings of CK and CK# (both directions of crossing).
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CK signal. If CKE goes
LOW synchronously with clock, the internal clock is suspended from the next clock cycle
and the state of output and burst address is frozen as long as the CKE remains LOW.
When all banks are in the idle state, deactivating the clock controls the entry to the Power
Down and Self Refresh modes.
BA0-BA2
Input
Bank Address: BA0-BA2 define to which bank the BankActivate, Read, Write, or Bank
Precharge command is being applied.
A0-A13
Input
Address Inputs: A0-A13 are sampled during the BankActivate command (row address
A0-A13) and Read/Write command (column address A0-A9 with A10 defining Auto
Precharge).
A10/AP
Input
Auto-Precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation.
(HIGH: Autoprecharge; LOW: no Autoprecharge). A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all
banks (A10 HIGH).
A12/BC#
Input
Burst Chop: A12/BC# is sampled during Read and Write commands to determine if burst
chop (on the fly) will be performed. (HIGH - no burst chop; LOW - burst chopped).
CS#
Input
Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the command
decoder. All commands are masked when CS# is sampled HIGH. It is considered part of
the command code.
RAS#
Input
Row Address Strobe: The RAS# signal defines the operation commands in conjunction
with the CAS# and WE# signals and is latched at the crossing of positive edges of CK
and negative edge of CK#. When RAS# and CS# are asserted "LOW" and CAS# is
asserted "HIGH" either the BankActivate command or the Precharge command is
selected by the WE# signal. When the WE# is asserted "HIGH" the BankActivate
command is selected and the bank designated by BA is turned on to the active state.
When the WE# is asserted "LOW" the Precharge command is selected and the bank
designated by BA is switched to the idle state after the precharge operation.
CAS#
Input
Column Address Strobe: The CAS# signal defines the operation commands in
conjunction with the RAS# and WE# signals and is latched at the crossing of positive
edges of CK and negative edge of CK#. When RAS# is held "HIGH" and CS# is asserted
"LOW" the column access is started by asserting CAS# "LOW". Then, the Read or Write
command is selected by asserting WE# “HIGH" or “LOW".
WE#
Input
Write Enable: The WE# signal defines the operation commands in conjunction with the
RAS# and CAS# signals and is latched at the crossing of positive edges of CK and
negative edge of CK#. The WE# input is used to select the BankActivate or Precharge
command and Read or Write command.
LDQS,
LDQS#
UDQS
UDQS#
Input /
Output
Bidirectional Data Strobe: Specifies timing for Input and Output data. Read Data Strobe
is edge triggered. Write Data Strobe provides a setup and hold time for data and DQM.
LDQS is for DQ0~7, UDQS is for DQ8~15. The data strobes LDOS and UDQS are paired
with LDQS# and UDQS# to provide differential pair signaling to the system during both
reads and writes.
LDM,
UDM
Input
Data Input Mask: Input data is masked when DM is sampled HIGH during a write cycle.
LDM masks DQ0-DQ7, UDM masks DQ8-DQ15.
Confidential
-6/83-
Rev. 1.0 May 2016
AS4C128M16D3LA-12BIN


Similar Part No. - AS4C128M16D3LA-12BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3LA-12BAN ALSC-AS4C128M16D3LA-12BAN Datasheet
2Mb / 83P
   AEC-Q100 Compliant
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
More results

Similar Description - AS4C128M16D3LA-12BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C64M16D3A ALSC-AS4C64M16D3A Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C64M16D3A-12BAN ALSC-AS4C64M16D3A-12BAN Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C256M16D3B ALSC-AS4C256M16D3B Datasheet
2Mb / 41P
   12BCN 96 ball FBGA PACKAGE
AS4C128M16D3A ALSC-AS4C128M16D3A Datasheet
2Mb / 83P
   AS4C128M16D3A-12BIN - 96 ball FBGA PACKAGE
AS4C128M16D3B ALSC-AS4C128M16D3B Datasheet
1Mb / 41P
   2Gb AS4C128M16D3B-12BCN - 96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
AS4C32M16MD1A ALSC-AS4C32M16MD1A Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
AS4C8M16D1-5BIN ALSC-AS4C8M16D1-5BIN Datasheet
4Mb / 66P
   60-ball FBGA PACKAGE
AS4C512M8D3L ALSC-AS4C512M8D3L Datasheet
3Mb / 86P
   AS4C512M8D3L - 78-ball FBGA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com