Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M8D2-25BIN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C128M8D2-25BIN
Description  128M x 8 bit DDRII Synchronous DRAM (SDRAM)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M8D2-25BIN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C128M8D2-25BIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C128M8D2-25BIN Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
AS4C128M8D2
Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory Inc. reserves the right to change products or specification without notice.
8
Rev. 1.0
June 2013
Functional Description
Read and write accesses to the DDR2 SDRAM are burst oriented; accesses start at a selected location and continue for a
burst length of four or eight in a programmed sequence. Accesses begin with the registration of an Active command, which is
then followed by a Read or Write command. The address bits registered coincident with the active command are used to
select the bank and row to be accessed (BA0-BA2 select the bank; A0-A13 select the row). The address bits registered
coincident with the Read or Write command are used to select the starting column location for the burst access and to
determine if the auto precharge command is to be issued.
Prior to normal operation, the DDR2 SDRAM must be initialized. The following sections provide detailed information covering
device initialization, register definition, command descriptions, and device operation.
 Power-up and Initialization
DDR2 SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than those
specified may result in undefined operation.
The following sequence is required for POWER UP and Initialization.
1. Apply power and attempt to maintain CKE below 0.2*VDDQ and ODT
*1 at a low state (all other inputs may be undefined.)
The VDD voltage ramp time must be no greater than 200ms from when VDD ramps from 300mV to VDDmin; and during the
VDD voltage ramp, |VDD-VDDQ| ≦ 0.3V
- VDD, VDDL and VDDQ are driven from a single power converter output, AND
- VTT is limited to 0.95 V max, AND
- VREF tracks VDDQ/2.
or
- Apply VDD before or at the same time as VDDL.
- Apply VDDL before or at the same time as VDDQ.
- Apply VDDQ before or at the same time as VTT & VREF.
At least one of these two sets of conditions must be met.
2. Start clock and maintain stable condition.
3. For the minimum of 200 s after stable power and clock (CK, CK#), then apply NOP or deselect and take CKE HIGH.
4. Wait minimum of 400ns then issue precharge all command. NOP or deselect applied during 400ns period.
5. Issue EMRS(2) command. (To issue EMRS (2) command, provide “LOW” to BA0 and BA2, “HIGH” to BA1.)
6. Issue EMRS (3) command. (To issue EMRS (3) command, provide “LOW” to BA2, “HIGH” to BA0 and BA1.)
7. Issue EMRS to enable DLL. (To issue "DLL Enable" command, provide "LOW" to A0, "HIGH" to BA0 and "LOW" to BA1 and
BA2.)
8. Issue a Mode Register Set command for “DLL reset”.
(To issue DLL reset command, provide "HIGH" to A8 and "LOW" to BA0-BA2)
9. Issue precharge all command.
10. Issue 2 or more auto-refresh commands.
11. Issue a mode register set command with LOW to A8 to initialize device operation. (i.e. to program operating
parameters without resetting the DLL.)
12. At least 200 clocks after step 8, execute OCD Calibration (Off Chip Driver impedance adjustment).If OCD calibration is not
used, EMRS OCD Default command (A9=A8=A7=HIGH) followed by EMRS OCD calibration Mode Exit command
(A9=A8=A7=LOW) must be issued with other operating parameters of EMRS.
13. The DDR2 SDRAM is now ready for normal operation.
NOTE 1: To guarantee ODT off, VREF must be valid and a LOW level must be applied to the ODT pin.


Similar Part No. - AS4C128M8D2-25BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M8D2 ALSC-AS4C128M8D2 Datasheet
2Mb / 59P
   AS4C128M8D2
More results

Similar Description - AS4C128M8D2-25BIN

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAG-18H ETRON-EM68C08CWAG-18H Datasheet
1Mb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com