Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD151012 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD151012
Description  8-bit Binary Programmable Counter with Synchronous Preset Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD151012 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD151012 Datasheet HTML 1Page - Hitachi Semiconductor HD151012 Datasheet HTML 2Page - Hitachi Semiconductor HD151012 Datasheet HTML 3Page - Hitachi Semiconductor HD151012 Datasheet HTML 4Page - Hitachi Semiconductor HD151012 Datasheet HTML 5Page - Hitachi Semiconductor HD151012 Datasheet HTML 6Page - Hitachi Semiconductor HD151012 Datasheet HTML 7Page - Hitachi Semiconductor HD151012 Datasheet HTML 8Page - Hitachi Semiconductor HD151012 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HD151012
3
Pin Description
Pin Name
Pin Description
Input pins
J0 to J7
Count data input for option
CLK,
CLK
Clock inputs
CLK : Rise edge trigger
CLK : Fall edge trigger
SPE
Preset input for Jn data
PR
Preset input for D-type Flip Flop (Initialize “L” at Q output)
CLR
Clear input for D-type Flip Flop (Initialize “H” at Q output)
Output pins
Q
Output for D-type Flip Flop
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
V
CC
–0.5 to 7.0
V
Input / output voltage
V
IN/V OUT
–0.5 to V
CC +0.5
V
VCC, GND current
I
CC, IGND
±50
mA
Output current / pin
I
OUT
±25
mA
Power dissipation
P
T
500
mW
Storage temperature
Tstg
–65 to 150
°C
Input diode current
I
IK
±20
mA
Output diode current
I
OK
±20
mA
Notes: 1. The absolute maximum ratings are values which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
2. All voltage values except for differential input voltage are with respect to network ground
terminal.


Similar Part No. - HD151012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151012 RENESAS-HD151012 Datasheet
218Kb / 14P
   8-bit Binary Programmable Counter with Synchronous Preset Enable
HD151012TELL RENESAS-HD151012TELL Datasheet
218Kb / 14P
   8-bit Binary Programmable Counter with Synchronous Preset Enable
More results

Similar Description - HD151012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151012 RENESAS-HD151012 Datasheet
218Kb / 14P
   8-bit Binary Programmable Counter with Synchronous Preset Enable
logo
ITE Tech.Inc.
IT7001M ITE-IT7001M Datasheet
218Kb / 24P
   Programmable 8-Bit Binary Counter with Synchronous Preset Enable
logo
Renesas Technology Corp
HD151011 RENESAS-HD151011 Datasheet
140Kb / 14P
   Dual BCD Programmable Counter with Synchronous Preset Enable
logo
Hitachi Semiconductor
HD151011 HITACHI-HD151011 Datasheet
75Kb / 16P
   Dual BCD Programmable Counter with Synchronous Preset Enable
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com