Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4053BM1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4053BM1
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4053BM1 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4053BM1 Datasheet HTML 1Page - STMicroelectronics HCF4053BM1 Datasheet HTML 2Page - STMicroelectronics HCF4053BM1 Datasheet HTML 3Page - STMicroelectronics HCF4053BM1 Datasheet HTML 4Page - STMicroelectronics HCF4053BM1 Datasheet HTML 5Page - STMicroelectronics HCF4053BM1 Datasheet HTML 6Page - STMicroelectronics HCF4053BM1 Datasheet HTML 7Page - STMicroelectronics HCF4053BM1 Datasheet HTML 8Page - STMicroelectronics HCF4053BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCF4053B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, all input square wave rise and
fall time = 20 ns )
(1
) Both ends of channel.
* Peak to Peak voltage symmetrical about (VDD -VEE )/2
Parameter
Test Condition
Value
Unit
VEE
(V)
RL
(K
Ω)
fI
(KHz)
VI
(V)
VSS
(V)
VDD
(V)
Min. Typ. Max.
Propagation Delay
Time (signal input to
output)
200
VDD
530
60
ns
10
15
30
15
11
20
Frequency Response
Channel "ON" (sine
wave input) at
20 log VO/VI = - 3dB
=VSS
1
5(*)
10
VO at Common
OUT/IN
25
MHz
VO at any
channel
60
Feed through (all
channels OFF) at
20 log VO/VI = - 40dB
=VSS
1
5(*)
10
VO at Common
OUT/IN
10
MHz
VO at any
channel
8
Frequency Signal
Crosstalk at
20 log VO/VI = -40dB
=VSS
1
5(*)
10
Between any 2
Sections (IN pin
2, OUT pin 14)
2.5
MHz
Between any 2
Sections (lN pin
15, OUT pin 14)
6
Sine Wave Distortion
fIS = 1KHz Sine Wave
=VSS
10
1
2(*)
5
0.3
%
3(*)
10
0.2
5(*)
15
0.12
CONTROL (Address or Inhibit)
Propagation Delay:
Address to Signal
OUT (Channels ON
or OFF)
0
0
5
360
720
ns
0
0
10
160
320
0
0
15
120
240
-5
0
5
225
450
Propagation Delay:
Inhibit to Signal OUT
(Channel turning ON)
0
1
05
360
720
ns
0
0
10
160
320
0
0
15
120
240
-10
0
5
200
400
Propagation Delay:
Inhibit to Signal OUT
(Channel turning
OFF)
0
10
5
200
450
ns
010
90
210
015
70
160
-10
5
130
300
Address or Inhibit to
Signal Crosstalk
0
10 (1)
010
VC =VDD-VSS
(square wave)
65
mV
peak


Similar Part No. - HCF4053BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4053BM1 STMICROELECTRONICS-HCF4053BM1 Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results

Similar Description - HCF4053BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com