Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82IC3220DQ60K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R82IC3220DQ60K
Description  Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.22 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82IC3220DQ60K Datasheet(HTML) 1 Page - Kemet Corporation

  R82IC3220DQ60K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - c532a231-7954-414d-8d8a-ff3c304e2d05
KEMET Part Number: R82IC3220DQ60K
Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.22 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.3mm
H
11mm +0.1mm
T
6mm +0.1mm
S
5mm +/-0.4mm
H0
18mm +/-0.5mm
F
0.5mm +/-0.05mm
Packaging Specifications
Packaging: Ammo, 360x340x59mm, Box
Packaging Quantity: 1400
General Information
Dielectric: Metallized Polyester Stacked
Style: Radial
Series: R82
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 0.22 uF
Capacitance Tolerance: 10%
Voltage DC: 250 VDC
Voltage AC: 140 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.8% 1kHz, 1.2% 10kHz
Insulation Resistance: 30 GOhms
Max dVdt: 130 V
Inductance: 7 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R82IC3220DQ60K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82IC3100DQ55K KEMET-R82IC3100DQ55K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.1 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC3100DQ60J KEMET-R82IC3100DQ60J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
R82IC3150AA50K KEMET-R82IC3150AA50K Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.15 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC3150Z350J KEMET-R82IC3150Z350J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.15 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82IC3220DQ60K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82DC3220AA60K KEMET-R82DC3220AA60K Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.22 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
R82EC3220DQ70K KEMET-R82EC3220DQ70K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.22 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82IC2330DQ50K KEMET-R82IC2330DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.033 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC2470DQ50K KEMET-R82IC2470DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC3100DQ55K KEMET-R82IC3100DQ55K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.1 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC2220DQ50K KEMET-R82IC2220DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC3150AA50K KEMET-R82IC3150AA50K Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.15 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82IC2100DQ50K KEMET-R82IC2100DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
R82EC3220AA70J KEMET-R82EC3220AA70J Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.22 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82DC3220DQ60J KEMET-R82DC3220DQ60J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.22 uF, 5%, 63 V, 85C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com