Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-IHM003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM003V1
Description  Inverter stage IGBT short circuit rugged based
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM003V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
July 2007
Rev 1
1/4
4
STEVAL-IHM003V1
BLDC & AC motor control
Power driver board 300 W
Features
Quick to set up, to install and easy to run
Inverter stage IGBT short circuit rugged based
Design is re-usable (the ORCAD source files
are available for free)
Several kinds of applications with six-step
commutation or 6-signal PWM (sine wave-
modulated) outputs, including: 3 Phase AC
Induction motor control, 3 Phase BLDC/AC PM
motor control (6-step sensorless), 3 Phase
BLAC PM motor control (sinusoidal driven, with
Hall sensors)
Optimized layout to provide very low level of
interference between the Power and the Signal
noise
Modular approach with three different power
board module (300 W, 1k W, 3k W)
Description
The general hardware architecture of the
reference design kit is based on an Inverter
topology suitable to efficiently drive three types of
motors: "3 Phase BLDC/AC Permanent Magnet
(in six-step mode)" , "3 Phase AC Induction" and
"3 Phase BLAC PM motor (sinusoidal driven)"
plus a plug-in control board, based on ST7FMC
MCU.
The inverter bridge is made by six IGBTs short
circuit rugged rated at 10uS with different option
of current capability in relationship to the power
needed by the customer final application. The
driving of the bridge is made by three IGBTs
drivers (suited in the control board) with High
Side/Low Side integrated functionality in a single
chip with also several protections. The supply of
the power is implemented using the Viper, a
Vertical Intelligent Power Enhanced Regulators
which combines an optimized, high voltage,
Vertical Power MOSFET with state-of-the-art
PWM circuitry.
STEVAL-IHM003V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IHM003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
   BLDC & AC motor control control board indart
STEVAL-IHM004V1 STMICROELECTRONICS-STEVAL-IHM004V1 Datasheet
130Kb / 4P
   BLDC & AC motor control Power driver board 1 KW
STEVAL-IHM005V1 STMICROELECTRONICS-STEVAL-IHM005V1 Datasheet
101Kb / 4P
   BLDC & AC Motor Control Power Driver Board 3KW
STEVAL-IHM006V1 STMICROELECTRONICS-STEVAL-IHM006V1 Datasheet
101Kb / 5P
   AC/AC chopper driver
July 2007 Rev 1
STEVAL-IHM008V1 STMICROELECTRONICS-STEVAL-IHM008V1 Datasheet
218Kb / 4P
   BLDC & AC motor control Power board SEMITOP짰2 1kW
More results

Similar Description - STEVAL-IHM003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com