Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM4623XD2N26C8YZZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # DCM4623XD2N26C8YZZ
Description  Fully operational current limit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM4623XD2N26C8YZZ Datasheet(HTML) 1 Page - Vicor Corporation

  DCM4623XD2N26C8YZZ Datasheet HTML 1Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 2Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 3Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 4Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 5Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 6Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 7Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 8Page - Vicor Corporation DCM4623XD2N26C8YZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DCMDC-DC Converter
Isolated, Regulated DC Converter
DCM4623xD2N26C8yzz
(Previous part DCM275P240x375A40)
Features & Benefits
Isolated, regulated DC-DC converter
Up to 375 W, 15.70 A continuous
92.9% peak efficiency
814 W/in3 Power density
Wide input range 120 – 420 Vdc
Safety Extra Low Voltage (SELV) 24.0 V Nominal Output
4242 Vdc isolation
ZVS high frequency switching
n Enables low-profile, high-density filtering
Optimized for array operation
n Up to 8 units – 3000 W
n No power derating needed
n Sharing strategy permits dissimilar line voltages
across an array
Fully operational current limit
OV, OC, UV, short circuit and thermal protection
4623 through-hole ChiP package
n 1.886” x 0.898” x 0.286”
(47.91 mm x 22.8 mm x 7.26 mm)
Typical Applications
Industrial
Process Control
Automotive
Heavy Equipment
Product Description
The DCM Isolated, Regulated DC Converter is a DC-DC
converter, operating from an unregulated, wide range input to
generate an isolated 24.0 Vdc output. With its high frequency
zero voltage switching (ZVS) topology, the DCM converter
consistently delivers high efficiency across the input line range.
Modular DCM converters and downstream DC-DC products
support efficient power distribution, providing superior power
system performance and connectivity from a variety of
unregulated power sources to the point-of-load.
Leveraging the thermal and density benefits of Vicor’s ChiP
packaging technology, the DCM module offers flexible thermal
management options with very low top and bottom side
thermal impedances. Thermally-adept ChiP based power
components enable customers to achieve cost effective power
system solutions with previously unattainable system size,
weight and efficiency attributes, quickly and predictably.
Product Ratings
VIN = 120 V to 420 V
POUT = 375 W
VOUT = 24.0 V
(14.4 V to 26.4 V Trim)
IOUT = 15.70 A
DCMDC-DC Converter
Rev 1.0
vicorpower.com
Page 1 of 25
12/2016
800 927.9474
C
US
®
S
NRTL
CUS
Part Ordering Information
Product
Function
Package
Size
Package
Type
Max
Input
Voltage
Range
Ratio
Max
Output
Voltage
Max
Output
Power
Temperature
Grade
Option
DCM
46
23
x
D2
N
26
C8
y
zz
DCM =
DC-DC
Converter
Length
in mm
x 10
Width
in mm
x 10
T =
Through hole
ChiPs
Internal Reference
T = -40°C – 125°C
M = -55°C – 125°C
00 = Analog Control
Interface Version


Similar Part No. - DCM4623XD2N26C8YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM4623XD2N26C8YZZ VICOR-DCM4623XD2N26C8YZZ Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N26C8YZZ VICOR-DCM4623XD2N26C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM4623XD2N26C8YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM4623XD2K53EYZZ VICOR-DCM4623XD2K53EYZZ Datasheet
1Mb / 25P
   Fully operational current limit
logo
Texas Instruments
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Richtek Technology Corp...
RT2530Q RICHTEK-RT2530Q Datasheet
141Kb / 10P
   Current Limit
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com