Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BX040Y200B00 Datasheet(PDF) 12 Page - Vicor Corporation

Part # BCM48BX040Y200B00
Description  High efficiency (>94%) reduces system
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BX040Y200B00 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button BCM48BX040Y200B00 Datasheet HTML 8Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 9Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 10Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 11Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 12Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 13Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 14Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 15Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 16Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
BCM® Bus Converter
Rev 1.3
vicorpower.com
Page 12 of 20
08/2016
800 927.9474
BCM48Bx040y200B00
Using the Control Signals PC, TM
Primary Control (PC) pin can be used to accomplish the
following functions:
n
Logic enable and disable for module: Once TON1 time has
been satisfied, a PC voltage greater than VPC_EN will cause
the module to start. Bringing PC lower than VPC_DIS will
cause the module to enter standby.
n
Auxiliary voltage source: Once enabled in regular
operational conditions (no fault), each BCM module
PC provides a regulated 5V, 3.5mA voltage source.
n
Synchronized start up: In an array of parallel modules, PC
pins should be connected to synchronize start up across
units. This permits the maximum load and capacitance
to scale by the number of paralleled modules.
n
Output disable: PC pin can be actively pulled down in order
to disable the module. Pull down impedance shall be lower
than 60Ω.
n
Fault detection flag: The PC 5V voltage source is internally
turned off as soon as a fault is detected.
n
Note that PC can not sink significant current during a fault
condition. The PC pin of a faulted module will not cause
interconnected PC pins of other modules to be disabled.
Temperature Monitor (TM) pin provides a voltage proportional
to the absolute temperature of the converter control IC.
It can be used to accomplish the following functions:
n
Monitor the control IC temperature: The temperature in
Kelvin is equal to the voltage on the TM pin scaled
by 100. (i.e. 3.0V = 300K = 27ºC). If a heat sink is applied,
TM can be used to protect the system thermally.
n
Fault detection flag: The TM voltage source is internally
turned off as soon as a fault is detected. For system
monitoring purposes microcontroller interface faults are
detected on falling edges of TM signal.


Similar Part No. - BCM48BX040Y200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX030Y210A00 VICOR-BCM48BX030Y210A00 Datasheet
743Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM48BX080Y240A00 VICOR-BCM48BX080Y240A00 Datasheet
753Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BX040Y200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384X480Y325A00 VICOR-BCM384X480Y325A00 Datasheet
2Mb / 18P
   High efficiency (> 95 %) reduces system power consumption
logo
Bel Fuse Inc.
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
   Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
SynQor Worldwide Headqu...
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Lumileds Lighting Compa...
DS206 LUMILEDS-DS206 Datasheet
1Mb / 21P
   High voltage package that reduces system BOM
logo
Maxim Integrated Produc...
MAX5991 MAXIM-MAX5991 Datasheet
861Kb / 22P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 2; 1/15
MAX5988 MAXIM-MAX5988 Datasheet
908Kb / 23P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 3; 1/15
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
   Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Seoul Semiconductor
SFW814AHA SEOUL-SFW814AHA Datasheet
952Kb / 23P
   Enabling High Flux system while reduces LED count
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com