Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN20-24-1PM Datasheet(PDF) 2 Page - Emerson Network Power

Part # ADN20-24-1PM
Description  ADN Series 60-480 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ADN20-24-1PM Datasheet(HTML) 2 Page - Emerson Network Power

  ADN20-24-1PM Datasheet HTML 1Page - Emerson Network Power ADN20-24-1PM Datasheet HTML 2Page - Emerson Network Power ADN20-24-1PM Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Model
Number
Weight
Power
Voltage
Current
ADN2.5-24-1PM
1.6 lbs (725g)
60W
85-264 Vac
90-375 Vdc
2.5 A
ADN4-24-1PP
0.7 lbs (320g)
93W
85-132/176-264 Vac
210-375 Vdc
3.8 A
ADN4-24-1PM
2.4 lbs (1055g)
100W
85-132/176-264 Vac
210-375 Vdc
4 A
ADN5-24-1PM
2.4 lbs (1055g)
120W
85-132/176-264 Vac
210-375 Vdc
5 A
ADN10-24-1PM
3.3 lbs (1480g)
240W
85-132/176-264 Vac
210-375 Vdc
10 A
ADN20-24-1PM
3.4 lbs (1520g)
480W
85-132/176-264 Vac
210-375 Vdc
20 A
Rev. 12.12.08_142
ADN Series
2 of 3
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Dimensions - inches (mm)
Height
Width
Depth
ADN2.5-24-1PM
4.88 (124)
1.97 (50)
4.55 (116)
ADN4-24-1PP
2.95 (75)
2.85 (72)
3.80 (97)
ADN4-24-1PM
4.88 (124)
2.56 (65)
4.55 (116)
ADN5-24-1PM
4.88 (124)
2.56 (65)
4.55 (116)
ADN10-24-1PM
4.88 (124)
3.26 (83)
4.55 (116)
ADN20-24-1PM
4.88 (124)
6.88 (175)
4.66 (118)
Mechanical Drawing
ADN2.5 thru ADN10
N
L
Power Supply
+ + - -


Similar Part No. - ADN20-24-1PM

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN20-24-1PM ASTEC-ADN20-24-1PM Datasheet
105Kb / 2P
   60-480 Watts
logo
Emerson Network Power
ADN20-24-1PM EMERSON-NETWORKPOWER-ADN20-24-1PM Datasheet
703Kb / 3P
   Power Supply
logo
Astec America, Inc
ADN20-24-1PM ASTEC-ADN20-24-1PM Datasheet
730Kb / 3P
   Adjusable Voltage
logo
Emerson Network Power
ADN20-24-1PM-C EMERSON-NETWORKPOWER-ADN20-24-1PM-C Datasheet
506Kb / 3P
   Slim form factor 120 - 480 Watts
logo
Artesyn Technologies
ADN20-24-1PM-C ARTESYN-ADN20-24-1PM-C Datasheet
516Kb / 3P
   Total Power: 120-960 Watts
More results

Similar Description - ADN20-24-1PM

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN2.5-24-1PM ASTEC-ADN2.5-24-1PM Datasheet
105Kb / 2P
   60-480 Watts
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
   60 Watts ECP Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
   60 Watts JCK Series
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com