Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985IBLX-2.8 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3985IBLX-2.8
Description  Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3985IBLX-2.8 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3985IBLX-2.8 Datasheet HTML 1Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 2Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 3Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3985IBLX-2.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Ordering Information (Continued)
For SOT Package
Output
Voltage (V)
Grade
LP3985 Supplied as 1000
Units, Tape and Reel
LP3985 Supplied as 3000
Units, Tape and Reel
Package Marking
2.5
STD
LP3985IM5-2.5
LP3985IM5X-2.5
LCSB
2.6
STD
LP3985IM5-2.6
LP3985IM5X-2.6
LCTB
2.7
STD
LP3985IM5-2.7
LP3985IM5X-2.7
LCUB
2.8
STD
LP3985IM5-2.8
LP3985IM5X-2.8
LCJB
2.85
STD
LP3985IM5-285
LP3985IM5X-285
LCXB
2.9
STD
LP3985IM5-2.9
LP3985IM5X-2.9
LCYB
3.0
STD
LP3985IM5-3.0
LP3985IM5X-3.0
LCRB
3.1
STD
LP3985IM5-3.1
LP3985IM5X-3.1
LCZB
3.2
STD
LP3985IM5-3.2
LP3985IM5X-3.2
LDPB
3.3
STD
LP3985IM5-3.3
LP3985IM5X-3.3
LDQB
4.7
STD
LP3985IM5-4.7
LP3985IM5X-4.7
LDRB
5.0
STD
LP3985IM5-5.0
LP3985IM5X-5.0
LDSB
www.national.com
4


Similar Part No. - LP3985IBLX-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-2.5 TI-LP3985IM5-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5 TI-LP3985IM5-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5 TI1-LP3985IM5-2.5 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5/NOPB TI1-LP3985IM5-2.5/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.7 TI-LP3985IM5-2.7 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985IBLX-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com