Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G781 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. G781
Description  ±1°C Remote and Local Temperature Sensor with SMBus Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

G781 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  G781 Datasheet HTML 1Page - List of Unclassifed Manufacturers G781 Datasheet HTML 2Page - List of Unclassifed Manufacturers G781 Datasheet HTML 3Page - List of Unclassifed Manufacturers G781 Datasheet HTML 4Page - List of Unclassifed Manufacturers G781 Datasheet HTML 5Page - List of Unclassifed Manufacturers G781 Datasheet HTML 6Page - List of Unclassifed Manufacturers G781 Datasheet HTML 7Page - List of Unclassifed Manufacturers G781 Datasheet HTML 8Page - List of Unclassifed Manufacturers G781 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Ver: 1.0
Oct 02, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
5
Global Mixed-mode Technology Inc.
G781
A/D Conversion Sequence
If a Start command is written (or generated automati-
cally in the free-running auto-convert mode), both
channels are converted, and the results of both meas-
urements are available after the end of conversion. A
BUSY status bit in the status byte shows that the de-
vice is actually performing a new conversion; however,
even if the ADC is busy, the results of the previous
conversion are always available.
Remote Diode Selection
Temperature accuracy depends on having a good-
quality, diode-connected small-signal transistor. The
G781 can also directly measure the die temperature of
CPUs and other integrated circuits having on-board
temperature-sensing diodes.
The transistor must be a small-signal type with a rela-
tively high forward voltage; otherwise, the A/D input
voltage range can be violated. The forward voltage
must be greater than 0.25V at 10µA; check to ensure
this is true at the highest expected temperature. The
forward voltage must be less than 0.95V at 300µA;
check to ensure this is true at the lowest expected
temperature. Large power transistors don’t work at all.
Also, ensure that the base resistance is less than
100
Ω. Tight specifications for forward-current gain
(+50 to +150, for example) indicate that the manufac-
turer has good process controls and that the devices
have consistent Vbe characteristics.
Thermal Mass and Self-Heating
Thermal mass can seriously degrade the G781’s ef-
fective accuracy. The thermal time constant of the
SOP- package is about 140 in still air. For the G781
junction temperature to settle to within +1°C after a
sudden +100°C change requires about five time con-
stants or 12 minutes. The use of smaller packages for
remote sensors, such as SOT23s, improves the situa-
tion. Take care to account for thermal gradients be-
tween the heat source and the sensor, and ensure that
stray air currents across the sensor package do not
interfere with measurement accuracy. Self-heating
does not significantly affect measurement accuracy.
Remote-sensor self-heating due to the diode current
source is negligible. For the local diode, the worst-case
error occurs when auto-converting at the fastest rate
and simultaneously sinking maximum current at the
ALERT
output. For example, at an 8Hz rate and with
ALERT
sinking 1mA, the typical power dissipation is
VCC x 320µA plus 0.4V x 1mA. Package theta J-A is
about 120°C /W, so with VCC = 3.3V and no copper PC
board heat-sinking, the resulting temperature rise is:
dT = 1.45mW x 120°C /W = 0.17°C
Even with these contrived circumstances, it is difficult
to introduce significant self-heating errors.
Table 1. Remote-Sensor Transistor Manufacturers
MANUFACTURER
MODEL NUMBER
Philips
PMBS3904
Motorola(USA)
MMBT3904
National Semiconductor (USA)
MMBT3904
Note:Transistors must be diode-connected (base
shorted to collector).
ADC Noise Filtering
The ADC is an integrating type with inherently good
noise rejection. Micropower operation places con-
straints on high-frequency noise rejection; therefore,
careful PC board layout and proper external noise fil-
tering are required for high-accuracy remote meas-
urements in electrically noisy environments.
High-frequency EMI is best filtered at DXP and DXN
with an external 2200pF capacitor. This value can be
increased to about 3300pF(max), including cable ca-
pacitance. Higher capacitance than 3300pF introduces
errors due to the rise time of the switched current
source.
Nearly all noise sources tested cause the ADC meas-
urements to be higher than the actual temperature,
typically by +1°C to 10°C, depending on the frequency
and amplitude.
PC Board Layout
Place the G781 as close as practical to the remote
diode. In a noisy environment, such as a computer
motherboard, this distance can be 4 in. to 8 in. (typical)
or more as long as the worst noise sources (such as
CRTs, clock generators, memory buses, and ISA/PCI
buses) are avoided.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn