Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXL4245 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FXL4245
Description  Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FXL4245 Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics V
CCA = 1.1V to 1.3V
Capacitance
Symbol
Parameter
TA = −40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to 1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH, tPHL Propagation Delay A to B
0.8
13.0
1.0
7.0
1.2
8.0
1.3
9.5
2.0
24.0
ns
Propagation Delay B to A
1.4
22.0
1.4
22.0
1.5
22.0
1.5
22.0
2.0
24.0
tPZH, tPZL Output Enable OE to B
1.0
12.0
1.0
9.0
2.0
10.0
2.0
11.0
2.0
24.0
ns
Output Enable OE to A
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
tPHZ, tPLZ Output Disable OE to B
1.0
15.0
0.7
7.0
1.0
8.0
2.0
10.0
2.0
20.0
ns
Output Disable OE to A
2.0
15.0
2.0
12.0
2.0
12.0
2.0
12.0
2.0
12.0
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VCCA = VCCB = 0.0V, VI = 0V or VCCA/B
4.0
pF
CI/O
Input/Output Capacitance
VCCA = VCCB = 3.3V, VI = 0V or VCCA/B
5.0
pF
CPD
Power Dissipation Capacitance
VCCA = VCCB = 3.3V, VI = 0V or VCC, F = 10 MHz
20.0
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FXL2T245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FXLH42245Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26Ω Series Resisto 1 2 3 4 5 MoreFairchild Semiconductor
FXL4T245Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FXL5T244Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies 1 2 3 4 5 MoreFairchild Semiconductor
PI74LVCC3245A8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1 2 3 4 5 MorePericom Semiconductor Corporation
PI74LVCC4245A8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs 1 2 3 4 5 MorePericom Semiconductor Corporation
SN74AVC8T2458 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVXC32458-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74AVC20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVXC42458-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn