Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-CCA027V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-CCA027V1
Description  50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA027V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-CCA027V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA027V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA027V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STEVAL-CCA027V1
Revision history
Doc ID 018811 Rev 2
3/4
2
Revision history
Table 1.
Document revision history
Date
Revision
Changes
22-Apr-2011
1
Initial release.
12-Sep-2011
2
Minor text changes.


Similar Part No. - STEVAL-CCA027V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA022V1 STMICROELECTRONICS-STEVAL-CCA022V1 Datasheet
122Kb / 4P
   Demonstration board for single op-amps in SC70 or SOT-23 packages
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
   Class G capless headphone amplifier demonstration board based on the TS4621E
STEVAL-CCA028V1 STMICROELECTRONICS-STEVAL-CCA028V1 Datasheet
131Kb / 4P
   10 W 10 W class-D audio amplifier demonstration boardbased on the TDA7491P
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
More results

Similar Description - STEVAL-CCA027V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
   160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
CCA028V1 STMICROELECTRONICS-CCA028V1 Datasheet
124Kb / 5P
   10 W 10 W class-D audio amplifier demonstration board based on the TDA7491P
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
   5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
   Dual-BTL class-D audio amplifier demonstration board
CCA043V1 STMICROELECTRONICS-CCA043V1 Datasheet
103Kb / 5P
   25 Watt mono BTL class-D audio amplifier demonstration board based on the TDA7491MV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com