Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST25R3911B Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 90Page - STMicroelectronics ST25R3911B Datasheet HTML 91Page - STMicroelectronics ST25R3911B Datasheet HTML 92Page - STMicroelectronics ST25R3911B Datasheet HTML 93Page - STMicroelectronics ST25R3911B Datasheet HTML 94Page - STMicroelectronics ST25R3911B Datasheet HTML 95Page - STMicroelectronics ST25R3911B Datasheet HTML 96Page - STMicroelectronics ST25R3911B Datasheet HTML 97Page - STMicroelectronics ST25R3911B Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
ST25R3911B
94/129
DocID029656 Rev 2
1.3.25
Timer and NFC Interrupt Register
Address: 18h
Type: R
Table 50. Timer and NFC Interrupt Register(1)(2)
Bit
Name
Default
Function
Comments
7
I_dct
-
IRQ due to termination of direct
command
-
6I_nre
-
IRQ due to No-Response Timer
expire
-
5
I_gpe
-
IRQ due to general purpose
timer expire
-
4
I_eon
-
IRQ due to detection of external
field higher than Target
activation level
-
3
I_eof
-
IRQ due to detection of external
field drop below Target activation
level
-
2
I_cac
-
IRQ due to detection of collision
during RF Collision Avoidance
An external field was detected during RF
Collision Avoidance
1I_cat
-
IRQ after minimum guard time
expire
An external field was not detected during RF
Collision Avoidance, field was switched on, IRQ
is sent after minimum guard time according to
NFCIP-1
0
I_nfct
-
IRQ when in target mode the
initiator bit rate was recognized
-
1. At power-up and after Set Default command content of this register is set to 0.
2. After Main Interrupt Register has been read, its content is set to 0.


Similar Part No. - ST25R3911B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
1Mb / 116P
   High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
   High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
More results

Similar Description - ST25R3911B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
logo
STMicroelectronics
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
   Antenna tuning circuit
February 2014 Rev 1
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
   HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
Infineon Technologies A...
BGSA14M2N10 INFINEON-BGSA14M2N10 Datasheet
118Kb / 2P
   Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
SP005561452 INFINEON-SP005561452 Datasheet
118Kb / 2P
   Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
BGSA143GL10 INFINEON-BGSA143GL10 Datasheet
296Kb / 2P
   Low Resistance Antenna Tuning Switch
Revision 2.0 2019-09-19
BGSA143ML10 INFINEON-BGSA143ML10 Datasheet
562Kb / 2P
   Low Resistance Antenna Tuning Switch
Revision2.1 2019-11-29
BGSA402ML10 INFINEON-BGSA402ML10 Datasheet
387Kb / 2P
   Low Resistance Antenna Tuning Shunt Switch
Revision 2.1 2019-10-25
logo
Zilog, Inc.
Z90T365 ZILOG-Z90T365 Datasheet
230Kb / 6P
   Automatic frequency tuning
logo
Infineon Technologies A...
SP005410271 INFINEON-SP005410271 Datasheet
120Kb / 2P
   Ultra high RF voltage antenna tuning switch
Revision 2.1 2022-01-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com