Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV632-3000 Datasheet(PDF) 5 Page - SICK AG

Part # CLV632-3000
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV632-3000 Datasheet(HTML) 5 Page - SICK AG

  CLV632-3000 Datasheet HTML 1Page - SICK AG CLV632-3000 Datasheet HTML 2Page - SICK AG CLV632-3000 Datasheet HTML 3Page - SICK AG CLV632-3000 Datasheet HTML 4Page - SICK AG CLV632-3000 Datasheet HTML 5Page - SICK AG CLV632-3000 Datasheet HTML 6Page - SICK AG CLV632-3000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CLV632-3000 | CLV63x
BAR CODE SCANNERS
Dimensional drawing (Dimensions in mm (inch))
CLV63x/64x Standard, side
10
1
1
Ready
Read Diagn
Result
TeachIn
Laser
Auto-Setup
Data
Adjusting
CAN
Userdefined
LNK TX
100%
0%
2
8
9
16 (0.63)
38 (1.50)
80 (3.15)
59.5 (2.34)
10
(0.39)
22.5
(0.89)
15
(0.59)
22.5
(0.89)
3
4
5
6
7
60.4 (2.38)
(24.1)
(0.95)
16.4
(0.65)
35.3
(1.39)
22
(0.87)
①  Blind hole thread M5, 5 mm deep (2 x), for mounting
②  Function button (2 x)
③  Reading field
④  Cover for the microSD memory card
⑤  Central position of the deflected laser beam in the V-shaped aperture angle
⑥  Internal impact point: rotation point of the variable direction laser beam
⑦  Cable with 15-pin D-sub HD male connector
⑧  LED status indicator (6x) and bar graph
⑨  Reference point for reading distance (from housing edge to object)
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Similar Part No. - CLV632-3000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV632-3120 SICK-CLV632-3120 Datasheet
687Kb / 7P
   BAR CODE SCANNERS
More results

Similar Description - CLV632-3000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com