Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56K132-K00L5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. 56K132-K00L5
Description  nullADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

56K132-K00L5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  56K132-K00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 56K132-K00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
TNC 50
ADAPTOR
JACK – SMA JACK
56K132-K00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 35 dB, DC to 2 GHz
 30 dB, 2 to 3 GHz
 25 dB, 3 to 4 GHz
Insertion loss
 0.05 dB, DC to 4 GHz
Insulation resistance
 5 G
Center contact resistance
 1.5 m, TNC side;
 3 m, SMA side
Outer contact resistance
 1 m, TNC side;
 2 m, SMA side
Test voltage (at sea level)
1000 V rms
Working voltage (at sea level)
480 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
 80 W @ 2 GHz
Mechanical data
TNC side
SMA side
Mating cycles
min. 500
min. 500
Center contact captivation: axial
 27 N
 27 N
Coupling test torque
max. 1.7 Nm
max. 1.7 Nm
Recommended torque
0.46 Nm to 0.69 Nm
0.8 Nm to 1.1 Nm
Environmental data
Temperature range
-65°C to +165°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. G
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
9.2 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Chr. Entsfellner
24/07/08
Sa. Krautenbacher
19.03.14
e00
14-0352
T. Krojer
19.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 56K132-K00L5

ManufacturerPart No.DatasheetDescription
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Rosenberger Hochfrequen...
56K101-K00N5 ROSENBERGER-56K101-K00N5 Datasheet
42Kb / 2P
   ADAPTOR
56K107-106N5 ROSENBERGER-56K107-106N5 Datasheet
86Kb / 2P
   TNC 50 STRAIGHT JACK
56K107-802N5 ROSENBERGER-56K107-802N5 Datasheet
88Kb / 2P
   TNC 50 STRAIGHT JACK
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz