Electronic Components Datasheet Search |
|
CC1812DPNPO0BN121 Datasheet(PDF) 10 Page - TDK Electronics |
|
CC1812DPNPO0BN121 Datasheet(HTML) 10 Page - TDK Electronics |
10 / 18 page Mid-voltage NP0 /X7R 100 V to 630 V www.yageo.com Dec. 9, 2016 V.18 Surface-Mount Ceramic Multilayer Capacitors 10 18 Product specification Table 11 Sizes from 1206 to 1210 CAPACITANCE RANGE & THICKNESS FOR X7R CAP. 1206 1210 100 V 200 V 250 V 500 V 630 V 100 V 200 V 250 V 500 V 630V 100 pF 150 pF 220 pF 0.85± 0.1 0.85± 0.1 0.85± 0.1 1.25± 0.2 1.25± 0.2 330 pF 470 pF 680 pF 1.0 nF 1.5 nF 2.2 nF 0.85± 0.1 0.85± 0.1 0.85± 0.1 3.3 nF 1.25± 0.2 1.25± 0.2 4.7 nF 6.8 nF 10 nF 15 nF 22 nF 1.25± 0.2 1.25± 0.2 1.6± 0.2 1.25± 0.2 1.25± 0.2 33 nF 1.6± 0.2 47 nF 68 nF 1.25± 0.2 100 nF 1.6± 0.2 1.6± 0.2 150 nF 1.25± 0.2 220 nF 330 nF 1.6± 0.2 470 nF 680 nF 2.0± 0.2 1 µF 1.6± 0.2 2.2 µF NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-6 series is on request 3. For product with 5% tolerance, please contact local sales force before order |
Similar Part No. - CC1812DPNPO0BN121 |
|
Similar Description - CC1812DPNPO0BN121 |