Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1413EEQ-T1-GE4 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG1413EEQ-T1-GE4
Description  Supports single and dual supply operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1413EEQ-T1-GE4 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG1413EEQ-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 11Page - Vishay Siliconix DG1413EEQ-T1-GE4 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DG1411E, DG1412E, DG1413E
www.vishay.com
Vishay Siliconix
S17-0054-Rev. C, 23-Jan-17
8
Document Number: 75104
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Leakage Current vs. Temperature
Charge Injection vs. Analog Voltage
I+ - Supply Current vs. Logic Level
Switching Time vs. Temperature
BW, OIRR, XTALK vs. Frequency
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
-40
-20
0
20406080
100 120
Axis Title
Temperature (°C)
2nd line
I
D(OFF),VD = 10 V
I
D(ON),VD = 1 V
I
S(OFF),VS = 1 V
I
S(OFF),VS = 10 V
I
D(ON),VD = 10 V
I
D(OFF),VD = 1 V
V+ = +12 V
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
-40
-20
0
20406080
100 120
Axis Title
Temperature (°C)
2nd line
I
D(OFF),VD = 4.5 V
I
D(ON),VD =-4.5 V
I
S(OFF),VS =-4.5 V
I
S(OFF),VS = 4.5 V
I
D(ON),VD = 4.5 V
I
D(OFF),VD =-4.5 V
V± = ± 5 V
10
100
1000
10000
-150
-100
-50
0
50
100
150
-15
-10
-5
0
5
10
15
Axis Title
V
S - Analog Voltage (V)
2nd line
V± = ± 5 V
V+ = +12 V
V- = GND
V± = ± 15 V
10
100
1000
10000
0
50
100
150
200
250
300
02468
10
12
14
Axis Title
V
IN (V)
2nd line
V+ = +13.2 V
V- = 0 V
V± = ± 16.5 V
V± = ± 5.5 V
I+ per logic input
10
100
1000
10000
0
50
100
150
200
250
-40
-20
0
20406080
100 120
Axis Title
Temperature (°C)
2nd line
V+ = +12 V, V
S = +8 V, tON
V± = ± 15 V
V
S = +10 V, tON
V+ = +12 V, V
S = +8 V, tOFF
V± = ± 15 V, V
S = +10 V, tOFF
10
100
1000
10000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100K
1M
10M
100M
1G
Axis Title
Frequency (Hz)
2nd line
OIRR
V± = ± 15 V
Loss
X
TALK


Similar Part No. - DG1413EEQ-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1413EEQ-T1-GE4 VISHAY-DG1413EEQ-T1-GE4 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG1413EEQ-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16ALL ISSI-IS66WVD2M16ALL Datasheet
945Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16DALL ISSI-IS66WVD2M16DALL Datasheet
966Kb / 52P
   Single device supports asynchronous and burst operation
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
   Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
   Supports fanless and noiseless operation
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com