Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1412EEQ-T1-GE4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG1412EEQ-T1-GE4
Description  Supports single and dual supply operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1412EEQ-T1-GE4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG1412EEQ-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG1412EEQ-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DG1411E, DG1412E, DG1413E
www.vishay.com
Vishay Siliconix
S17-0054-Rev. C, 23-Jan-17
1
Document Number: 75104
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.5
 On Resistance, ± 15 V / +12 V / ± 5 V, Quad SPST Switches
DESCRIPTION
The DG1411E, DG1412E, DG1413E are ± 15 V precision
monolithic quad single-pole single-throw (SPST) CMOS
analog switches. Built on a new CMOS process, the Vishay
Siliconix DG1411E, DG1412E, and DG1413E offer low
on-resistance of 1.5
. The low and flat resistance over the
full signal range ensures excellent linearity and low signal
distortion. The new CMOS platform provides low power
dissipation, minimized parasitic capacitance, and low
charge injection.
The devices operate from either a single 4.5 V to 24 V power
supply, or from dual ± 4.5 V to ± 15 V power supplies. The
analog switches do not require a VL logic supply, while all
digital inputs have 0.8 V and 2 V logic thresholds to ensure
low voltage TTL / CMOS compatibility.
The DG1411E, DG1412E, and DG1413E are bi-directional
and support analog signals up to the supply voltage when
on, and block them when off. The devices each feature four
independently selectable SPST switches. The DG1411E is
normally closed, while the DG1412E is normally open. The
DG1413E has two normally open and two normally closed
switches with guaranteed break-before-make operation.
Combined with fast 70 ns switching time, low and flat switch
resistance. The devices are ideal for signal switching and
relay replacement in data acquisition, industrial control and
automation, communication, and A/V systems, in addition to
medical instrumentation and automated test equipment.
The switches are available in RoHS-compliant, halogen-free
TSSOP16 and QFN16 4 mm by 4 mm packages.
FEATURES
• 35 V supply max. rating
• On-resistance: 1.5
• On-resistance flatness: 0.2
• Channel to channel on-resistance match: 0.04
• Supports single and dual supply operation
• Fully specified at ± 15 V, ± 5 V, and +12 V
• Integrated VL supply
• 3 V logic compatible
• Low parasitic capacitance: CS(OFF): 24 pF, CD(ON): 87 pF
• Rail to rail signal handling
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
BENEFITS
• Low insertion loss
• Low distortion
• Break-before-make switching
• Low charge injection over the full signal range
APPLICATIONS
• Medical and healthcare equipment
• Data acquisition system
• Industrial control and automation
• Test and measurement equipment
• Communication systems
• Battery powered systems
• Sample and hold circuits
• Audio and video signal switching
• Relay replacement
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION - DG1411E
Notes
• QFN exposed pad tied to V-
• N.C. = no connect
• Switches shown for logic “0” input
TRUTH TABLE - DG1411E
LOGIC
SWITCH
0On
1Off
DG1411EEN
V-
V+
S4
GND
S3
N.C.
S1
S2
1
2
3
12
11
10
4
9
56
7
8
16
15
14
13
Top View
QFN-16 (4 mm x 4 mm)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
N.C.
S4
S3
D4
D3
IN4
IN3
TSSOP
DG1411EEQ


Similar Part No. - DG1412EEQ-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1412EEQ-T1-GE4 VISHAY-DG1412EEQ-T1-GE4 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG1412EEQ-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16ALL ISSI-IS66WVD2M16ALL Datasheet
945Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16DALL ISSI-IS66WVD2M16DALL Datasheet
966Kb / 52P
   Single device supports asynchronous and burst operation
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
   Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
   Supports fanless and noiseless operation
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com