Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744731680 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744731680
Description  WE-TIS Shielded Radial Leaded Wire Wound Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744731680 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744731680_16 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731680_16 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731680_16 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731680_16 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731680_16 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744731680_16 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6.0
5.0
4.8
4.7
4.6
4.5
4.4
REV
2016-06-18
2016-04-01
2014-09-10
2014-01-13
2013-06-05
2013-04-29
2013-04-03
DATE
KaS
KaS
SSt
SSt
SSt
SSt
SSt
BY
COt
COt
SSt
SSt
COt
SSt
COt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TIS Shielded Radial Leaded Wire
Wound Inductor
Order.- No.
744731680
SIZE
A4
Size: 8075
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical wave soldering specification, otherwise this will void the warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
•Strong force and high accelerations of the component size 1111 might have the effect of damage the electrical connection or to harm the
circuit board due to the heavy weight of the component. These damages will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TIS
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744731680_16

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744731680 WURTH-744731680 Datasheet
899Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results

Similar Description - 744731680_16

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447471472 WURTH-7447471472 Datasheet
934Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471682 WURTH-7447471682 Datasheet
914Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731471 WURTH-744731471 Datasheet
907Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731472 WURTH-744731472 Datasheet
914Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471100 WURTH-7447471100 Datasheet
888Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471101 WURTH-7447471101 Datasheet
910Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731562 WURTH-744731562 Datasheet
896Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731331 WURTH-744731331 Datasheet
897Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471330 WURTH-7447471330 Datasheet
899Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731222 WURTH-744731222 Datasheet
904Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471022 WURTH-7447471022 Datasheet
884Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com