Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC236B-PA Datasheet(PDF) 20 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC236B-PA
Description  High current, low power dissipation microstep stepper motor driver with protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC236B-PA Datasheet(HTML) 20 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC236B-PA Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236B-PA Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TMC236/A/B DATA SHEET (V2.10 / 2016-Jun-06)
20
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
Absolute Maximum Ratings
The maximum ratings may not be exceeded under any circumstances.
Symbol Parameter
Min
Max
Unit
VS
Supply voltage (A-type/B-type)
-0.3
36
V
VS
Supply voltage (non-A/B-type)
-0.3
30
V
VMD
Supply and bridge voltage max. 20000s
(non-A-type: device disabled)
40
V
VTR
Power transistor voltage VOA-VBRA, VOB-
VBRB, VSA-VOA, VSB-VOB (A/B-type)
40
V
VTR
Power transistor voltage VOA-VBRA, VOB-
VBRB, VSA-VOA, VSB-VOB (non-A/B-type)
30
V
VCC
Logic supply voltage
-0.5
6.0
V
IOP
Output peak current (10µs pulse)
+/-7
A
IOC
Output current
(continuous, per bridge)
TA  85°C
1500
mA
TA  105°C
1000
TA  125°C
800
VI
Logic input voltage
-0.3
VCC+0.3V
V
VIA
Analog input voltage
-0.3
VCC+0.3V
V
IIO
Maximum current to / from digital pins
and analog inputs
+/-10
mA
VVT
Short-to-ground detector input voltage
VS-1V
VS+0.3V
V
TJ
Junction temperature
-40
150 (1)
°C
TSTG
Storage temperature
-55
150
°C
(1) Internally limited
Electrical Characteristics
Operational Range
Symbol Parameter
Min
Max
Unit
TAI
Ambient temperature industrial (1)
-25
125
°C
TAA
Ambient temperature automotive
-40
125
°C
TJ
Junction temperature
-40
140
°C
VS
Bridge supply voltage (A-type/B-type)
7
34
V
VS
Bridge supply voltage (non-A/B-type)
7
28.5
V
VCC
Logic supply voltage
3.0
5.5
V
fCLK
Chopper clock frequency
50
kHz
RSLP
Slope control resistor
0
110
K
(1) The circuit can be operated up to 140°C, but output power derates.


Similar Part No. - TMC236B-PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236 Datasheet
571Kb / 1P
   Microstep Driver for up to 1.5A
TMC236 TRINAMIC-TMC236 Datasheet
553Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC236 TRINAMIC-TMC236 Datasheet
610Kb / 27P
   Stepper motor
logo
List of Unclassifed Man...
TMC236/A ETC2-TMC236/A Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
More results

Similar Description - TMC236B-PA

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236_1 Datasheet
553Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
TMC246B-PA TRINAMIC-TMC246B-PA Datasheet
727Kb / 28P
   High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
   High current microstep stepper motor driver with protection, diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_1 Datasheet
597Kb / 30P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com