Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75114N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75114N
Description  Dual Differential Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75114N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS75114N Datasheet HTML 1Page - National Semiconductor (TI) DS75114N Datasheet HTML 2Page - National Semiconductor (TI) DS75114N Datasheet HTML 3Page - National Semiconductor (TI) DS75114N Datasheet HTML 4Page - National Semiconductor (TI) DS75114N Datasheet HTML 5Page - National Semiconductor (TI) DS75114N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
DS75114
Units
Min
Typ
Max
tPLH
Propagation Delay Time
CL e 30 pF (Figure 1)
15
30
ns
Low-to-High-Level Output
tPHL
Propagation Delay Time
11
30
ns
High-to-Low-Level Output
AC Test Circuit and Switching Time Waveforms
TLF5786 – 3
Note 1
The pulse generator has the following characteristics ZOUT e 50X
tw e 100 ns PRR e 500 kHz
Note 2
CL includes probe and jig-capacitance
TLF5786 – 4
FIGURE 1 (Notes 1 2)
http
www nationalcom
3


Similar Part No. - DS75114N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75110 NSC-DS75110 Datasheet
306Kb / 7P
   Dual Line Drivers
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
DS75110AM NSC-DS75110AM Datasheet
306Kb / 7P
   Dual Line Drivers
DS75110AN NSC-DS75110AN Datasheet
306Kb / 7P
   Dual Line Drivers
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
   Dual TRI-STATE Differential Line Driver
More results

Similar Description - DS75114N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com