Electronic Components Datasheet Search |
|
SP6213EC5-L-1-8 Datasheet(PDF) 10 Page - Sipex Corporation |
|
SP6213EC5-L-1-8 Datasheet(HTML) 10 Page - Sipex Corporation |
10 / 10 page 10 Date: 12/13/05 SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator © Copyright 2005 Sipex Corporation ANALOG EXCELLENCE Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Corporation Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 ORDERING INFORMATION Available in lead free packaging. To order add "-L" suffix to part number. Example: SP6214EC5-3-3/TR = standard; SP6214EC5-L-3-3/TR = lead free. Pack quantity is 3000 for SC70-5. Lead Free packaging can be identified by a Bar “|” to the left of the standard Top Marking. Part Number Top Marking Temperature Range Voltage Option Package Type SP6213EC5-1-8 W00 -40°C to +125°C 1.8V 5 Pin SC-70 SP6213EC5-1-8/TR W00 -40°C to +125°C 1.8V 5 Pin SC-70 SP6213EC5-2-5 F00 -40°C to +125°C 2.5V 5 Pin SC-70 SP6213EC5-2-5/TR F00 -40°C to +125°C 2.5V 5 Pin SC-70 SP6213EC5-2-7 E00 -40°C to +125°C 2.7V 5 Pin SC-70 SP6213EC5-2-7/TR E00 -40°C to +125°C 2.7V 5 Pin SC-70 SP6213EC5-2-85 D00 -40°C to +125°C 2.85V 5 Pin SC-70 SP6213EC5-2-85/TR D00 -40°C to +125°C 2.85V 5 Pin SC-70 SP6213EC5-3-0 A00 -40°C to +125°C 3.0V 5 Pin SC-70 SP6213EC5-3-0/TR A00 -40°C to +125°C 3.0V 5 Pin SC-70 SP6213EC5-3-3 C00 -40°C to +125°C 3.3V 5 Pin SC-70 SP6213EC5-3-3/TR C00 -40°C to +125°C 3.3V 5 Pin SC-70 SP6213EC5-5-0 B00 -40°C to +125°C 5.0V 5 Pin SC-70 SP6213EC5-5-0/TR B00 -40°C to +125°C 5.0V 5 Pin SC-70 SP6214EC5-1-8 D01 -40°C to +125°C 1.8V 5 Pin SC-70 SP6214EC5-1-8/TR D01 -40°C to +125°C 1.8V 5 Pin SC-70 SP6214EC5-2-5 J01 -40°C to +125°C 2.5V 5 Pin SC-70 SP6214EC5-2-5/TR J01 -40°C to +125°C 2.5V 5 Pin SC-70 SP6214EC5-2-7 K01 -40°C to +125°C 2.7V 5 Pin SC-70 SP6214EC5-2-7/TR K01 -40°C to +125°C 2.7V 5 Pin SC-70 SP6214EC5-2-85 L01 -40°C to +125°C 2.85V 5 Pin SC-70 SP6214EC5-2-85/TR L01 -40°C to +125°C 2.85V 5 Pin SC-70 SP6214EC5-3-0 M01 -40°C to +125°C 3.0V 5 Pin SC-70 SP6214EC5-3-0/TR M01 -40°C to +125°C 3.0V 5 Pin SC-70 SP6214EC5-3-3 H01 -40°C to +125°C 3.3V 5 Pin SC-70 SP6214EC5-3-3/TR H01 -40°C to +125°C 3.3V 5 Pin SC-70 SP6214EC5-5-0 N01 -40°C to +125°C 5.0V 5 Pin SC-70 SP6214EC5-5-0/TR N01 -40°C to +125°C 5.0V 5 Pin SC-70 |
Similar Part No. - SP6213EC5-L-1-8 |
|
Similar Description - SP6213EC5-L-1-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |