Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP29302AETBTR-L Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP29302AETBTR-L
Description  3A Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP29302AETBTR-L Datasheet(HTML) 6 Page - Exar Corporation

  XRP29302AETBTR-L Datasheet HTML 1Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 2Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 3Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 4Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 5Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 6Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 7Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 8Page - Exar Corporation XRP29302AETBTR-L Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
X
XR
RP
P2
29
93
30
02
2
3
3A
A L
Lo
ow
w D
Dr
ro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
or
r
© 2014 Exar Corporation
6/9
Rev. 1.4.0
THEORY OF OPERATION
The XRP29302 incorporates protection against
over-current faults, reversed load insertion,
over temperature operation, and positive and
negative transient voltage.
THERMAL CONSIDERATIONS
Although the XRP29302 offers limiting circuitry
for overload conditions, it is still necessary to
insure
that
the
maximum
junction
temperature
is
not
exceeded
in
the
application. Heat will flow through the lowest
resistance path, the junction-to-case path. In
order to insure the best thermal flow of the
component, proper mounting is required.
TO-220 DESIGN EXAMPLE:
Assume
that
VIN =
10V,
VOUT = 5V,
IOUT = 1.5A, TA = 50°C, θHA= 1°C/W, θCH=
2°C/W, and θJC= 3C°/W, where:
TA = ambient temperature,
θHA= heatsink to ambient thermal resistance
θCH= case to heatsink thermal resistance
θJC = junction to case thermal resistance
The power calculated under these conditions
is:
7.5
And the junction temperature is calculated as
or
50 7.5 1 2 3 95°"
Reliable operation is insured.
CAPACITOR REQUIREMENTS
The output capacitor is needed to insure
stability and minimize the output noise. The
value of the capacitor varies with the load.
However, a minimum value of 10µF aluminum
capacitor will guarantee stability over all load
conditions.
A tantalum capacitor is recommended if a
faster load transient response is needed. If the
power source has high AC impedance, a 0.1µF
ceramic capacitor between input & ground is
recommended.
MINIMUM LOAD CURRENT
To ensure a proper behavior of the regulator
under light load, a minimum load of 5mA for
XRP29302 is required.
ADJUSTABLE REGULATOR DESIGN
The XRP29302 is an adjustable regulator that
can be programmed to any value between
1.25V and 16V using 2 external resistors, R1
and R2. The relationship between the resistors
and the output voltage is:
#$ #% &1.240 1(
ENABLE INPUT
The XRP29302 has an Enable function that
switches the regulator on and off. Their
thresholds are TTL compatible. When the
regulator is active, approximately 20 µA flows
through the Enable pin.
TYPICAL APPLICATION CIRCUITS
Figure 1 represents the typical implementation
for an adjustable output regulator. The values
of R1 and R2 set the output voltage value as
follows:
)*+
&1 #$
#%(
A minimum value of 10kohms is recommended
for R2 with a range between 10kΩ and 47kΩ.


Similar Part No. - XRP29302AETBTR-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP29302AETBTR-L EXAR-XRP29302AETBTR-L Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
More results

Similar Description - XRP29302AETBTR-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com