Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1402IG16TR-F Datasheet(PDF) 9 Page - Exar Corporation

Part # XRA1402IG16TR-F
Description  8-BIT SPI GPIO EXPANDER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1402IG16TR-F Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRA1402IG16TR-F Datasheet HTML 5Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 6Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 7Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 8Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 9Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 10Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 11Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 12Page - Exar Corporation XRA1402IG16TR-F Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: TA = -40O TO +85OC, VCC IS 1.65V TO 3.6V
SYMBOL
PARAMETER
LIMITS
±
MIN
MAX
LIMITS
±
MIN
MAX
LIMITS
±
MIN
MAX
UNITS
CONDITIONS
VIL
Input Low Voltage
-0.3
0.2
-0.3
0.5
-0.3
0.8
V
Note 1
VIH
Input High Voltage
1.4
5.5
1.8
5.5
2.0
5.5
V
Note 1
VOL
Output Low Voltage
0.4
0.4
0.4
V
V
V
IOL = 6 mA
IOL = 4 mA
IOL = 1.5 mA
Note 2 &
Note 4
VOL
Output Low Voltage
0.5
0.5
0.5
V
IOL = 8 mA
Note 3
VOH
Output High Voltage
1.4
1.8
2.0
V
V
V
IOL = -4 mA
IOL = -2 mA
IOL = -0.2 mA
Note 2
VOH
Output High Voltage
1.2
1.8
2.6
V
V
V
IOH = -8 mA
IOH = -8 mA
IOH = -8 mA
Note 3
IIL
Input Low Leakage Current
±10
±10
±10
uA
IIH
Input High Leakage Current
±10
±10
±10
uA
CIN
Input Pin Capacitance
5
5
5
pF
ICC
Power Supply Current
0.5
1.0
2.0
mA
Test 1
ICC
Power Supply Current
0.6
1.2
2.4
mA
Test 2
ICCS
Standby Current
1
2
5
uA
Test 3
RGPIO
GPIO pull-up resistance
60
140
60
140
60
140
k
100k
± 40%
RRESET# Reset# pull-up resistance
35
85
35
85
35
85
k
60k
± 40%
XRA1402
9
REV. 1.0.0
8-BIT SPI GPIO EXPANDER
NOTES:
1. For SPI input signals (SI, SCL) & GPIOs, A0, A1 and A2 signals;
2. For SPI output signal SO;
3. For GPIOs;
4. For IRQ# signal;
Test 1: SCL frequency is 10 MHz with internal pull-ups disabled. All GPIOs are configured as inputs. All inputs are steady at
VCC or GND. Outputs are floating or in the tri-state mode.
Test 2: SCL frequency is 10 MHz with internal pull-ups enabled. All GPIOs are configured as inputs. All inputs are steady at
VCC or GND. Outputs are floating or in the tri-state mode.
1.8V
10%
2.5V
10%
3.3V
10%


Similar Part No. - XRA1402IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1402IG16TR-F EXAR-XRA1402IG16TR-F Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
More results

Similar Description - XRA1402IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
XRA1405 EXAR-XRA1405 Datasheet
439Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com