Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1402IL16TR-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRA1402IL16TR-F
Description  8-BIT SPI GPIO EXPANDER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1402IL16TR-F Datasheet(HTML) 3 Page - Exar Corporation

  XRA1402IL16TR-F Datasheet HTML 1Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 2Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 3Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 4Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 5Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 6Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 7Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 8Page - Exar Corporation XRA1402IL16TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
XRA1402
3
REV. 1.0.0
8-BIT SPI GPIO EXPANDER
PIN DESCRIPTIONS
Pin Description
NAME
PIN#
PIN#
TYPE
DESCRIPTION
SPI INTERFACE
SO
13
15
O
SPI serial data output.
SCL
12
14
I
SPI bus serial input clock.
IRQ#
11
13
OD
Interrupt output (open-drain, active LOW).
CS#
15
1
I
SPI bus chip select.
SI
16
2
I
SPI serial data input.
RESET#
1
3
I
Reset (active LOW) - A longer than 40 ns LOW pulse on this pin will reset the
internal registers and all GPIOs will be configured as inputs.
GPIOs
P0
P1
P2
P3
P4
P5
P6
P7
2
3
4
5
7
8
9
10
4
5
6
7
9
10
11
12
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
General purpose I/Os P0-P7. All GPIOs are configured as inputs upon power-
up or after a reset.
ANCILLARY SIGNALS
VCC
14
16
Pwr
1.65V to 3.6V VCC supply voltage.
GND
6
8
Pwr
Power supply common, ground.
GND
Center
Pad
-
Pwr
The exposed pad at the bottom surface of the package is designed for thermal
performance. Use of a center pad on the PCB is strongly recommended for ther-
mal conductivity as well as to provide mechanical stability of the package on the
PCB. The center pad is recommended to be solder masked defined with open-
ing size less than or equal to the exposed thermal pad on the package bottom to
prevent solder bridging to the outer leads of the device. Thermal vias must be
connected to GND plane as the thermal pad of package is at GND potential.
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
QFN-16 TSSOP-16


Similar Part No. - XRA1402IL16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1402IL16TR-F EXAR-XRA1402IL16TR-F Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
More results

Similar Description - XRA1402IL16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
XRA1405 EXAR-XRA1405 Datasheet
439Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com