Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR28V384IM48-0A Datasheet(PDF) 1 Page - Exar Corporation

Part # XR28V384IM48-0A
Description  3.3V QUAD LPC UART WITH 128-BYTE FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR28V384IM48-0A Datasheet(HTML) 1 Page - Exar Corporation

  XR28V384IM48-0A Datasheet HTML 1Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 2Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 3Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 4Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 5Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 6Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 7Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 8Page - Exar Corporation XR28V384IM48-0A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR28V384
3.3V QUAD LPC UART WITH 128-BYTE FIFO
NOVEMBER 2013
REV. 1.0.0
GENERAL DESCRIPTION
The
XR28V384
(V384)
is
a
quad
Universal
Asynchronous Receiver and Transmitter (UART) for
the Intel Low Pin Count (LPC) bus interface. This
device can replace or supplement a Super I/O device
to add additional serial ports to the system.
The V384 UARTs support any 16-bit I/O address
supported by the system. The register set is based on
the industry standard 16550 UART, so the V384
operates with the standard serial port drivers without
requiring a custom driver to be installed.
The 128 byte Transmit and Receive FIFOs reduce
CPU overhead and minimize the chance of buffer
overflow and data loss. In addition to the 16550
UART registers, there are also Configuration register
set where enhanced features such as the 9-bit
(multidrop) mode, IrDA mode and the Watchdog
Timer can be enabled.
The V384 is available in a 48-pin TQFP package.
APPLICATIONS
Industrial and Embedded PCs
Factory Automation and Process Controls
Network Routers
System Board Designs
FEATURES
128 Byte Transmit and Receive FIFO
Compliant to LPC 1.1 Specifications
-40°C to +85°C Industrial Temp Operation
Watchdog Timer with WDTOUT# signal
4 Independent UART channels
Programmable I/O mapped base addresses
Data rates up to 3 Mbps
Selectable RX FIFO interrupt trigger levels
Auto RS-485 Half-Duplex Control mode
Programmable character lengths (5, 6, 7, 8)
with even, odd, or no parity
IrDA mode and separate IRTXA# and IRRXA#
pins for the first UART channel
9-bit (Multidrop) mode
External 24MHz/48MHz clock
Single 3.3V Supply Voltage ( ±10% )
5V tolerant inputs
48-TQFP package (7mm x 7mm)
FIGURE 1. XR28V384 BLOCK DIAGRAM
L P C
B u s
In te r fa c e
T X F IF O
( Ir D A E n c o d e r )
M o d e m
IO s
C lo c k
D iv id e r
R X F IF O
( I r D A D e c o d e r )
R T S A # /P S _ C O N F _ 2 E /R S 4 8 5
D T R A # /P S _ 3 E 0 _ IR Q A
C T S A # , D S R A # , C D A # , R IA #
U A R T C h a n n e l A
B a u d
R a te
G e n e r a to r
S ta tu s a n d
C o n tr o l
R e g is te r s
V C C
G N D
W D T O U T
#
C L K I
N
P C IR S T #
L C L K
L F R A M E
#
L A D [ 3 :0 ]
S E R IR Q
G lo b a l
C o n f ig u r a t io n
R e g is te r s
W a tc h
D o g
T im e r
T X A / P S _ 3 F 8 _ IR Q A
IR T X A #
R X A
IR R X A #
T X F IF O
M o d e m
IO s
R X F IF O
U A R T C h a n n e l B
R T S B # /P S _ C O N F _ K E Y 1 / R S 4 8 5
D T R B # /P S _ 2 E 0 _ IR Q B
C T S B # , D S R B # , C D B # , R IB #
T X B / P S _ 2 F 8 _ IR Q B
R X B
T X F IF O
M o d e m
IO s
R X F IF O
U A R T C h a n n e l C
R T S C # /P S _ C O N F _ K E Y 0 /R S 4 8 5
D T R C # / P S _ W D T
C T S C # , D S R C # , C D C # , R IC #
T X C / P S _ 3 E 8 _ IR Q C
R X C
T X F IF O
M o d e m
IO s
R X F IF O
U A R T C h a n n e l D
R T S D # /R S 4 8 5
D T R D #
C T S D # , D S R D # , C D D # ,
R ID #
T X D / P S _ 2 E 8 _ IR Q D
R X D
B a u d
R a te
G e n e r a t o r
S ta tu s a n d
C o n tr o l
R e g is te r s
B a u d
R a te
G e n e r a to r
S ta tu s a n d
C o n tr o l
R e g is t e r s
B a u d
R a te
G e n e r a to r
S ta tu s a n d
C o n tr o l
R e g is t e r s
3 . 3 V ± 1 0 %


Similar Part No. - XR28V384IM48-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results

Similar Description - XR28V384IM48-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com