Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21V1414IM48TR-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XR21V1414IM48TR-F
Description  4-CH FULL-SPEED USB UART
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21V1414IM48TR-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR21V1414IM48TR-F Datasheet HTML 4Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 5Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 6Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 7Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 8Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 9Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 10Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 11Page - Exar Corporation XR21V1414IM48TR-F Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
XR21V1414
8
4-CH FULL-SPEED USB UART
REV. 1.3.0
NOTE: Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
Miscellaneous Signals
LOWPOWER
2
O
Low power status output. The LOWPOWER pin will be asserted whenever
it is not safe to draw the amount of current from VBUS power requested in
the Device Max Power field of the Configuration Descriptor. The LOW-
POWER pin will behave differently for a low power device and a high power
device.
Low-power device (<= 1 unit load or 100 mA i.e. bMaxPower <= 0x32):
LOWPOWER pin is asserted when the USB UART is in
suspend mode.
High-power deivce (bMaxPower > 0x32): LOWPOWER pin is
asserted when the USB UART is in suspend mode or when it is not yet
configured.
The LOWPOWER pin will be de-asserted whenever it is safe to draw the
amount of current requested in the Device Maximum Power field.
This pin is sampled momentarily at power-up or at any USB bus reset to
configure the polarity of the LOWPOWER output during suspend mode. An
external (10K) pull-up resistor will cause the LOWPOWER pin to be
asserted HIGH during suspend mode. An external (3.3K) pull-down resistor
will cause the LOWPOWER pin to be asserted LOW during suspend mode.
Power / Ground Signals
VCC
5, 18, 33,
44, 45
Pwr
+3.3V power supply.
GND
1, 4, 19,
32, 40, 41
Pwr
Power supply common, ground.
Pin Description
NAME
48-QFN
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR21V1414IM48TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414IM48 EXAR-XR21V1414IM48 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414IM48 EXAR-XR21V1414IM48 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR21V1414IM48TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com