Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIR1701E2K Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIR1701E2K
Description  DIGITAL AUDIO INTERFACE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIR1701E2K Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DIR1701E2K Datasheet HTML 3Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 4Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 5Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 6Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 7Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 8Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 9Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 10Page - Burr-Brown (TI) DIR1701E2K Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DIR1701
SLAS331 – APRIL 2001
7
www.ti.com
system clock output (continued)
–30
–25
–20
–15
–10
–5
0
5
100
1 k
10 k
100 k
f – Frequency – Hz
Figure 2. Jitter Attenuator Characteristics With Specified Loop Filter
Table 2. Selectable Crystal Oscillators
SYSTEM CLOCK fS
CRYSTAL
BRSEL CONNECTED TO
128
12 MHz
CSBIT
256
12 MHz
OPEN or DGND
384
12 MHz
BFRAME
512
16 MHz
BFRAME
Table 3. System Clock Selection
SCF1
SCF0
SYSTEM CLOCK
LOW
LOW
128 fS
LOW
HIGH
256 fS
HIGH
LOW
384 fS
HIGH
HIGH
512 fS
Table 4. System Clock and Data Output Operation
CONDITIONS
CLOCK AND DATA OUTPUTS
S/PDIF DATA
SCKO
BCKO
LRCKO
DOUT
BRATE
UNLOCK
CS. UR BIT
AD. EMFLG
After RESET
Unknown
(128, 256, 384, 512 fS)
Unknown
(64 fS)
Unknown
(1 fS)
MUTE
LOW
HIGH
LOW
LOW
YES
PLL
(128, 256, 384, 512 fS)
PLL
(64 fS)
PLL
(1 fS)
DATA
DETECT
LOW
DATA
DATA
NO
HOLD†
(128, 256, 384, 512 fS)
HOLD†
(64 fS)
HOLD†
(1 fS)
MUTE
HOLD†
HIGH
HOLD†
HOLD†
† Holds the latest tracked frequency.


Similar Part No. - DIR1701E2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1700E BURR-BROWN-DIR1700E Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Texas Instruments
DIR1703 TI-DIR1703 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703E BURR-BROWN-DIR1703E Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - DIR1701E2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com