Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EVAL-VNH5019-P1 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. EVAL-VNH5019-P1
Description  Current sense output proportional to motor current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-VNH5019-P1 Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL-VNH5019-P1 Datasheet HTML 1Page - STMicroelectronics EVAL-VNH5019-P1 Datasheet HTML 2Page - STMicroelectronics EVAL-VNH5019-P1 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
May 2014
DocID025580 Rev 2
1/3
EVAL-VNH5019-P1
VNH5019 Motor Driver Carrier
Data brief
- production data
Features
• Operating voltage: 5.5 - 24 V
• Output current: 12 A continuous (30 maximum)
• 5V and 3.3 V compatible inputs
• PWM operation up to 20 kHz for quieter motor
operation
• Current sense output proportional to motor
current
• Motor indicator LEDs (indicates what the
outputs are doing even when no motor is
connected)
• SPC5Studio makes it easy to get started using
this board and SPC56 32-bit power
architecture MCU's
• Robust:
– Reverse-voltage protection
– Can survive input voltages up to 41 V
– Undervoltage and overvoltage shutdown
– High-side and low-side thermal shutdown
– Short-to-ground and short-to-Vcc
protection
Description
This module is a compact breakout board for ST's
high-power VNH5019 motor driver IC, a fully
integrated H-bridge that can be used for
bidirectional speed control of a single brushed DC
motor most of the components of the typical
application, like pull-up's and protection resistors
and FETs for reverse battery protection. This
module is designed By POLOLU and distributed
by ST. It is delivered fully populated with its SMD
components, including the VNH5019, as shown in
the product picture.
For more information please visit Pololu web site.
Table 1. Device summary
Order code
Reference
EVAL-VNH5019-P1
EVAL-VNH5019-P1
Evaluation board
www.st.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn