Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20M1172IG28-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR20M1172IG28-F
Description  TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20M1172IG28-F Datasheet(HTML) 2 Page - Exar Corporation

  XR20M1172IG28-F Datasheet HTML 1Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 2Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 3Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 4Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 5Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 6Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 7Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 8Page - Exar Corporation XR20M1172IG28-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
XR20M1172
2
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
REV. 1.2.0
NOTE: TR = Tape and Reel, F = Green / RoHS
FIGURE 2. PIN OUT ASSIGNMENT
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR20M1172IL32-F
32-pin QFN
-40°C to +85°C
Active
XR20M1172IL32TR-F
32-pin QFN
-40°C to +85°C
Active
XR20M1172IG28-F
28-Lead TSSOP
-40°C to +85°C
Active
XR20M1172IG28TR-F
28-Lead TSSOP
-40°C to +85°C
Active
1 2 3 4 5 6 7 8
24 23 22 21 20 19
GPIO6/CDA#
SEL_I2C_SPI#
A1/SI
A0/CS#
VCC
GPIO7/RIA#
18 17
CTSA#
32-pin QFN
GPIO4/DSRA#
32
31
30
29
28
27
26
25
11
12
13
14
15
16
9
10 XTAL2
GPIO2/CDB#
GND
GPIO0/DSRB#
GPIO3/RIB#
XTAL1
CTSB#
RTSB#
28-Pin TSSOP
3
5
4
7
6
8
9
10
11
12
1
2
17
18
19
20
21
22
23
24
25
26
27
28
VCC
A0/CS#
I2C/SPI#
SO
SDA
RXB
RXA
TXA
TXB
XTAL1
XTAL2
GPIO7/RIA#
GPIO6/CDA#
GPIO4/DSRA#
CTSA#
RESET#
GPIO1/DTRB#
GPIO5/DTRA#
RTSA#
IRQ#
SCK
CTSB#
RTSB#
13
14
GPIO2/CDB#
GND
16
15
A1/ SI
GPIO0/DSRB#
GPIO3/RIB#


Similar Part No. - XR20M1172IG28-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1172IG28 EXAR-XR20M1172IG28 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172IG28 EXAR-XR20M1172IG28 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
More results

Similar Description - XR20M1172IG28-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170G16-0B EXAR-XR20M1170G16-0B Datasheet
1Mb / 56P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com