Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG536 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG536
Description  16-Channel Wideband Video Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG536 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG536 Datasheet HTML 1Page - Vishay Siliconix DG536 Datasheet HTML 2Page - Vishay Siliconix DG536 Datasheet HTML 3Page - Vishay Siliconix DG536 Datasheet HTML 4Page - Vishay Siliconix DG536 Datasheet HTML 5Page - Vishay Siliconix DG536 Datasheet HTML 6Page - Vishay Siliconix DG536 Datasheet HTML 7Page - Vishay Siliconix DG536 Datasheet HTML 8Page - Vishay Siliconix DG536 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG535/536
Vishay Siliconix
www.vishay.com
5-4
Document Number: 70070
S-02315—Rev. D, 05-Oct-00
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, ST, CS = 10.5 V
CS = 4.5 V, VA = 4.5 or 10.5 Vf
Tempb
Typc
Minc
Maxc
Minc
Maxc
Unit
Dynamic Characteristics (Cont’d)
RIN = 10 W
W
PLCC
Room
–92
Adjacent Input Crosstalk
XTALK(AI)
RIN = 10 W
RL = 10 kW
f = 5 MHz
Cerquad
Room
–87
TALK(AI)
f = 5 MHz
See Figure 10
DIP
Room
–72
RIN = 10 W
W
PLCC
Room
–74
–60
–60
dB
All Hostile Crosstalke
XTALK(AH)
RIN = 10 W
RL = 10 kW
f = 5 MHz
Cerquad
Room
–74
TALK(AH)
f = 5 MHz
See Figure 7
DIP
Room
–60
Bandwidth
BW
RL = 50 W, See Figure 6
Room
500
MHz
Power Supplies
Positive Supply Current
I+
Any One Channgel Selected with
All Logic Inputs at GND or V+
Room
Full
5
50
100
50
100
mA
Supply Voltage Range
V+
Full
10
16.5
10
16.5
V
Minimum Input Timing Requirements
Strobe Pulse Width
tSW
Full
200
200
A0, A1, A2, A3 CS, CS, EN
Data Valid to Strobe
tDW
See Figure 1
Full
100
100
ns
A0, A1, A2, A3 CS, CS, EN
Data Valid after Strobe
tWD
Full
50
50
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VA = input voltage to perform proper function.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. VD and Temperature
rDS(on) vs. VD and Power Supply Voltage
VD – Drain Voltage (V)
VD – Drain Voltage (V)
400
360
280
80
0
010
320
240
40
120
200
160
8
6
4
2
V+ = +15 V
GND = 0 V
125
_C
25
_C
–55
_C
300
270
210
60
0
010
240
180
30
90
150
120
8
6
4
2
GND = 0 V
TA = 25_C
8 V
12 V
15 V


Similar Part No. - DG536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG536 VISHAY-DG536 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG536DN VISHAY-DG536DN Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG536DN-E3 VISHAY-DG536DN-E3 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
More results

Similar Description - DG536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
LT1205 LINER-LT1205_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
logo
Analog Devices
ADG507A AD-ADG507A_15 Datasheet
143Kb / 8P
   8-/16-Channel Analog Multiplexers
REV. C
ADG506AKRZ-REEL AD-ADG506AKRZ-REEL Datasheet
143Kb / 8P
   8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_15 Datasheet
415Kb / 20P
   8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A_15 Datasheet
143Kb / 8P
   8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com