Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M580IM48-0A Datasheet(PDF) 2 Page - Exar Corporation

Part # XR16M580IM48-0A
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M580IM48-0A Datasheet(HTML) 2 Page - Exar Corporation

  XR16M580IM48-0A Datasheet HTML 1Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 2Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 3Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 4Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 5Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 6Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 7Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 8Page - Exar Corporation XR16M580IM48-0A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
XR16M580
2
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
REV. 1.0.0
FIGURE 2. PIN OUT ASSIGNMENT FOR 32-PIN QFN AND 48-PIN TQFP PACKAGES IN 16 AND 68 MODE
1 23 4 5 6 78
24 23 22 21 20 19 18 17
VCC
32
31
30
29
28
27
26
25
11
12
13
14
15
16
9
10
1
2
#
#
11
12
13
14
15
16
9
10 XTAL 1
XTAL 2
R/W#
GND
IOR#
PwrSave
NC
NC
GND
RI#
D3
D2
D1
D0
VCC
DSR#
CD#
XTAL
XTAL
IOW
GND
IOR
PwrSave
NC
NC
32- pin QFN in
Intel Bus Mode
RI#
D3
D2
D1
D0
VCC
DSR#
CD#
32
31
30
29
28
27
26
25
24 23 22 21 20 19 18 17
32-pin QFN in
Motorola Bus
Mode
1 2 3456 78
VCC
36 35 34 33 32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
48-TQFP in
Motorola Bus Mode
1 2
3
4
5
6
7
8
9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
37
38
39
40
41
42
43
44
45
46
47
48
48-TQFP in
Intel Bus Mode
VCC
GND
1
2
3
4
5
6
7
8
9 10 11 12
24
23
22
21
20
19
18
17
16
15
14
13
NC
NC
CTS#
DSR#
CD#
RI#
VCC
D0
D1
D2
D3
D4
NC
NC
CTS#
DSR#
CD#
RI#
VCC
D0
D1
D2
D3
D4
NC
NC
NC
NC
IOR#
GND
NC
IOW#
XTAL2
XTAL1
PwrSave
NC
NC
NC
NC
NC
IOR#
GND
NC
R/W#
XTAL2
XTAL1
PwrSave
NC
VCC


Similar Part No. - XR16M580IM48-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M580IM48 EXAR-XR16M580IM48 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M580IM48-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com