Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1-B-34-615-1A26 Datasheet(PDF) 2 Page - Carling Technologies

Part # MA1-B-34-615-1A26
Description  Circuit Breaker
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

MA1-B-34-615-1A26 Datasheet(HTML) 2 Page - Carling Technologies

  MA1-B-34-615-1A26 Datasheet HTML 1Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 2Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 3Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 4Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 5Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 6Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 7Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 8Page - Carling Technologies MA1-B-34-615-1A26 Datasheet HTML 9Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
60 Johnson Avenue • Plainville, CT 06062 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
2 | M-Series Circuit Breaker - General Specifications
Environmental
Physical
Mechanical
Electrical
CURRENT TOLERANCE
(AMPS)
(%)
0.10 - 20.0
±25
20.1 - 50.0
±35
Designed in accordance with requirements of specification
MIL PRF-55629 & MIL-STD-202G as follows:
*Manufacturer reserves the right to change product specification without prior notice.
RESISTANCE PER POLE VALUES
from Line to Load Terminals
(Values Based on Series Trip Circuit Breaker)
Maximum Voltage
125/250 VAC 50/60 Hz, 80 VDC
(See Rating Tables.)
Current Ratings
Standard current coils: 0.100,
0.250, 0.500, 0.750, 1.00 thru 15.0
in 1 amp increments, 18.0, 20.0,
25.0, 30.0. Other ratings available
- see Ordering Scheme.
Auxiliary Switch Rating SPDT; 7A 250VAC, 7A (Res)
28VDC, 4A (Ind.) 28VDC, 0.25A
80VDC (Res) (silver contacts),
0.1A 125VAC (gold contacts).
Insulation Resistance
Minimum of 100 Megohms at 500
VDC.
Dielectric Strength
UL, CSA 1500V, 50/60 Hz for one
minute between all electrically
isolated terminals. M-Series
Circuit Breakers comply with the
8mm spacing and 3750 V 50/60Hz
dielectric requirements from
hazardous voltage to operator
accessible surfaces, per
Publications IEC 380, 435, 950,
EN 60950 and VDE 0805.
Resistance, Impedance Values from Line to Load Terminal
- based on Series Trip Circuit
Breaker.
Endurance
10,000 ON-OFF operations @ 6
per minute with rated Current and
Voltage.
Trip Free
All M-Series Circuit Breakers will
trip on overload, even when
actuator is forcibly held in the ON
position.
Trip Indication
The actuator moves positively
to the OFF position when an
overload causes the circuit
breaker to trip.
Shock
Withstands 100 Gs, 6ms, sawtooth
while carrying rated current per
Method 213, Cond. I. Instantaneous
curves tested at 80% of rated
current.
Vibration
Withstands 0.060” excursion
from 10-55 Hz, and 10 Gs 55-500
Hz, at rated current per Method
204C, Test Condition A.
Instantaneous curves tested at
80% of rated current.
Moisture Resistance
Method 106D, i.e., ten 24-hour
cycles @ + 25°C to +65°C, 80-
98% RH.
Salt Spray
Method 101, Condition A (90-95%
RH @ 5% NaCl Solution, 96 hrs).
Thermal Shock
Method 107D, Condition A (Five
cycles @ -55°C to +25°C to +85°C
to +25°C).
Operating Temperature -40° C to +85° C
Chemical Resistance
Only the outside surfaces of the
case and the handles may be
cleaned with detergents or
alcohol. Organic (hydrocarbon
based) solvents are not
recommended because they
attack plastics. Caution should
be taken when solvents are used
to clean and remove flux from
terminals. Lubricants should not
be introduced into the handle/
bushing openings
Number of Poles
1 or 2
Internal Circuit Configs.
Series with or without
Auxiliary Switch.
Switch Only with or without
Auxiliary Switch.
Weight
Approximately 30 grams/pole
(Approximately 1.07 ounces/pole)
Standard Colors
See Ordering Scheme.a
Pulse Tolerance Curves


Similar Part No. - MA1-B-34-615-1A26

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
   Max. load ACME screw: 8,000N (push/pull)
20230919-H
logo
Altech corporation
MA1.0U ALTECH-MA1.0U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
MA1.6U ALTECH-MA1.6U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Lumins Inc.
MA10 LUMINIS-MA10 Datasheet
1Mb / 4P
   MA10 Pole mount
logo
C&K Components
MA10 CK-COMPONENTS-MA10 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
More results

Similar Description - MA1-B-34-615-1A26

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com