Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX2-B0-14-620-22A Datasheet(PDF) 6 Page - Carling Technologies

Part # CX2-B0-14-620-22A
Description  CIRCUIT BREAKER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CX2-B0-14-620-22A Datasheet(HTML) 6 Page - Carling Technologies

Back Button CX2-B0-14-620-22A Datasheet HTML 2Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 3Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 4Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 5Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 6Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 7Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 8Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 9Page - Carling Technologies CX2-B0-14-620-22A Datasheet HTML 10Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
6 | CX-Series Circuit Breaker - UL489B – Ordering Scheme
1
Series
2
Actuator
3
Poles
5
Relay Trip
6
Frequency
& Delay
7
Current Rating
8
Terminal
12
Agency
Approval
4
Circuit
C X
S
3
A
2
0
2
06 14
03 810
1 SERIES
C
2 ACTUATOR
X
Handle, one per pole
10 MOUNTING INSERTS
A
6-32 Thread
B
M3 Thread
3 POLES 1,2
2
Two
3
Three
4
Four
5
Five
4 CIRCUIT
S
Switch Only
5 RELAY TRIP VOLTAGE COIL RATING 1,2
0
Without Relay Trip Voltage Coil
A
12 VDC
B
24 VDC
C
32 VDC
D
48 VDC
6 FREQUENCY & DELAY
03
DC Switch Only
7 CURRENT RATING (AMPERES) 1,3
2-Pole Section
810
50A - 100A
4-Pole Section
917
110A - 175A
9 HANDLE COLOR & LEGEND
Actuator Color
I-O
ON-OFF
Dual
Legend Color
White
A
B
1
Black
Black
C
D
2
White
Red
F
G
3
White
Green
H
J
4
White
Blue
K
L
5
White
Yellow
M
N
6
Black
Gray
P
Q
7
Black
Orange
R
S
8
Black
11 MAX. APPLICATION RATING
06
600VDC
12 AGENCY APPROVAL
A
Without Approvals
14 UL489B Listed
9
Actuator
Color &
Legend
10
Mounting
Inserts
11
Rating
8 TERMINAL 4,5
3
Stud, 1/4-20
6
Stud, M6
A
Stud, 1/4-20, with 10-32 Screw Terminals on Voltage Pole
B
Stud, M6, with M5 Screw Terminals on Voltage Pole
Notes:
1
2 Pole Unit is required for ratings between 50A - 100A.
4 Pole Unit is required for ratings between 110A - 175A.
2
A Relay Trip Voltage Coil Pole may be added to either the 2 or 4 Pole construction.
The addition of this extra pole dictates a change in the designation for the number of
poles in selection 3.
3
For Current Ratings between 50A - 100A select current code 810 (100A).
For Current Ratings between 101A - 175A select current code 917 (175A).
4
Voltage Pole must have screw terminals.
Switch Pole must have stud terminals.
5
On 3 Pole Unit, Voltage Pole to be located at P1 as standard.
On 5 Pole Unit, Voltage Pole to be located at P3 as standard.


Similar Part No. - CX2-B0-14-620-22A

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
CX2-B0-14-615-22A CARLINGTECH-CX2-B0-14-615-22A Datasheet
1Mb / 12P
   CIRCUIT BREAKER
More results

Similar Description - CX2-B0-14-620-22A

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com