Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMB-103-27G3N-B-A Datasheet(PDF) 2 Page - Carling Technologies

Part # CMB-103-27G3N-B-A
Description  THERMAL CIRCUIT PROTECTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CMB-103-27G3N-B-A Datasheet(HTML) 2 Page - Carling Technologies

  CMB-103-27G3N-B-A Datasheet HTML 1Page - Carling Technologies CMB-103-27G3N-B-A Datasheet HTML 2Page - Carling Technologies CMB-103-27G3N-B-A Datasheet HTML 3Page - Carling Technologies CMB-103-27G3N-B-A Datasheet HTML 4Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
2 |
CMB-Series - Ordering Scheme, Time Delay, Dimensional Specifications
*Manufacturer reserves the right to change product specification without prior notice.
1
Series
2
Rating
3
Voltage
4
Mounting
Hole
5
Bushing
Type
6
Mounting
Nut
7
Indicator
Plate
8
Button
9
Terminal
10
Button Marking
CMB 10
3 N
3 11 C
B A /10
1 SERIES
CMB
2 RATING
03
3 amps
04
4 amps
05
5 amps
06
6 amps
07
7 amps
08
8 amps
10
10 amps
12
12 amps
13
13 amps
14
14 amps
15
15 amps
16
16 amps
20
20 amps
3 VOLTAGE
3
125-250VAC/ 32 VDC
4 MOUNTING HOLE
11 1 M11
12 2 M12
00 3 Snap In Style
27 15 3/8” 27 UNS
28 12 3/8” 27 UNS
(double flatted)
5 BUSHING
PLASTIC
C 4
Type C
D 4
Type D
E 5
Type E
G 8
Type G
H 6
Type H
K 13 Type K
METAL
J 8
Type J
7 INDICATOR PLATE 7
N
None
A
Embossed Legend
B
Silver Printing
on Black
8 BUTTON
B
Black
R
Red
W
White
10 BUTTON MARKING (IF BLANK, NO MARKING)10 Button Marking Orientation:
03
3 amp
04
4 amp
05
5 amp
06
6 amp
07
7 amp
08
8 amp
10
10 amp
12
12 amp
13
13 amp
14
14 amp
15
15 amp
16
16 amp
20
20 amp
line
load
20
.887
[22.5]
.016
[.4]
.887
[22.5]
.016
[.4]
Silver Printing
On Black
Embossed
(ALUMINUM)
6 MOUNTING NUT 7
N
None
1
Type 1
2
Type 2
3 11 Type 3
4
Type 4
5
Type 5
6 14 Type 6
7 9
Type 7
8 9
Type 8
Notes: All dimensions are in.[mm]. Tolerance ±.005 [.127] unless otherwise specified.
1
Used with bushing C or D only.
2
Used with H bushing only.
3
Used with bushing E only.
4
Used with M11 mounting hole only.
5
Used with mounting hole 00 only.
6
Used with M12 mounting hole only.
7
All hardware available separately.
Consult factory.
8
Available with mounting hole 27 only.
9
Available with G, J or K bushing only.
10 Amp rating must match button marking
(ex: 20 will be marked on the button of
CMB-203-27G3N-W-A/20)
11 Includes molded in “PRESS TO RESET”
marking.
12 Available with K bushing only.
13 Available with mounting hole 28 only.
14 Thickness is 3.0 mm, .118 in.
15 Available with G or J bushing only.
NOTE: Type 5 is clear hex boot. Type 8 is black hex boot (available for bushings G, J & K only); Type 3 nut includes molded in “PRESS TO RESET” marking.
All indicator plates are marked
“Suppl. Prot. press to reset”.
9 TERMINAL
A Type A
F Type F
B Type B
G Type G
C Type C
H Type H
D Type D
J Type J
E Type E
R Type R
R
without screw
F,G,H,J TERMINALS ARE 8-32 UNC
Time Trip Factor 1
-10 °C
x 1.70
-5 °C
x 1.60
0 °C
x 1.50
5 °C
x 1.40
10 °C
x 1.30
15 °C
x 1.20
20 °C
x 1.10
25 °C
x 1.00
Time Trip Factor 1
30 °C
x 0.90
35 °C
x 0.85
40 °C
x 0.80
45 °C
x 0.75
50 °C
x 0.70
55 °C
x 0.65
60 °C
x 0.60
Overload
Trip Time
100%
No Trip
150%
Trip in 1 hr
200%
4.0 ~ 40 sec.
300%
0.9 ~ 8.0 sec.
400%
0.42 ~ 5.0 sec.
500%
0.25 ~ 3.0 sec.
600%
0.01 ~ 1.8 sec.
Notes:
1.
Trip Time factor
is a guideline that
indicates ambient
temperature effect on
trip times at various
overload values.
Time Delay
Trip Time in Seconds


Similar Part No. - CMB-103-27G3N-B-A

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMB-6544PF CUI-CMB-6544PF Datasheet
931Kb / 4P
   electret condenser microphone
logo
CUI Devices
CMB-6544PF CUID-CMB-6544PF Datasheet
775Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
logo
AAEON Technology
CMB-A9DP2 AAEON-CMB-A9DP2 Datasheet
361Kb / 2P
   High Performance Server Board with Dual Intel R Xeon Tm Processors
CMB-A9SC2 AAEON-CMB-A9SC2 Datasheet
180Kb / 2P
   Entry Level Intel R Xeon Tm Server Board
CMB-A9SP2 AAEON-CMB-A9SP2 Datasheet
180Kb / 2P
   High-end Workstation Board with Intel짰 Xeon??Processors
More results

Similar Description - CMB-103-27G3N-B-A

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
CTB-B-B-03 CARLINGTECH-CTB-B-B-03 Datasheet
607Kb / 4P
   THERMAL CIRCUIT PROTECTORS
logo
List of Unclassifed Man...
KSD ETC-KSD Datasheet
505Kb / 1P
   KSD Series Thermal Protectors
logo
Littelfuse
3890060000 LITTELFUSE-3890060000 Datasheet
87Kb / 2P
   CIRCUIT PROTECTORS
385 LITTELFUSE-385 Datasheet
88Kb / 2P
   CIRCUIT PROTECTORS
398 LITTELFUSE-398 Datasheet
90Kb / 2P
   CIRCUIT PROTECTORS
399IP13000 LITTELFUSE-399IP13000 Datasheet
90Kb / 2P
   CIRCUIT PROTECTORS
logo
Carling Technologies
CLB-153-11A3N-B-A CARLINGTECH-CLB-153-11A3N-B-A Datasheet
889Kb / 4P
   CIRCUIT PROTECTORS
logo
List of Unclassifed Man...
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
   Magnetic Circuit Protectors
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
   CERAMIC RESETTABLE CIRCUIT PROTECTORS
logo
Maxim Integrated Produc...
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com