Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1-B0-34-615-1B1 Datasheet(PDF) 6 Page - Carling Technologies

Part # AA1-B0-34-615-1B1
Description  CIRUIT BREAKER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

AA1-B0-34-615-1B1 Datasheet(HTML) 6 Page - Carling Technologies

Back Button AA1-B0-34-615-1B1 Datasheet HTML 2Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 3Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 4Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 5Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 6Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 7Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 8Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 9Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 10Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
6 | A-Series Circuit Breaker - Handle UL Recognized – Ordering Scheme
1
Series
2
Actuator
3
Poles
5
Aux/Alarm
Switch
6
Frequency
& Delay
7
Current Rating
8
Terminal
9
Actuator
Color
10
Mounting/
Barriers
11
Agency
Approval
4
Circuit
A A
B
1
1
3
0
B
C
10 450
1 SERIES
A
2 ACTUATOR 1
A
Handle, one per pole
B
Handle, one per multipole unit
S
Mid-Trip Handle, one per pole
T
Mid-Trip Handle, one per pole & Alarm Switch
8 TERMINAL 9
1 10 Push-On 0.250 Tab (Q.C.)
E 11 Screw M4 (Bus Type)
2
Screw 8-32 with upturned lugs
F
Screw M5 with upturned lugs
3 11 Screw 8-32 (Bus Type)
& 30° bend
4
Screw 10-32 with upturned lugs G Screw M5 (Bus Type) & 30° bend
5 11 Screw 10-32 (Bus Type)
H 11 Screw M5 (Bus Type)
6
Screw 8-32 with upturned lugs
L 12 0.250 Q.C./ Solder Lug
& 30° bend
M 11 M6 Threaded Stud
7
Screw 8-32 (Bus Type)
Q 14 Push-In Stud
& 30° bend
R Screw M4 with upturned lugs
8
Screw 10-32 with upturned lugs
& 30° bend
& 30° bend
T 11 Screw M4 (Bus Type)
9
Screw 10-32 (Bus Type)
& 30° bend
& 30° bend
P 13 Printed Circuit Board Terminals
B
Screw M5 with upturned lugs
S 13 Push-On 0.110 Tab (Q.C.)
C
Screw M4 with upturned lugs
10 MOUNTING / BARRIERS
MOUNTING STYLE
BARRIERS
Threaded Insert, 2 per pole
1
6-32 x 0.195 inches
no
A 6-32 x 0.195 inches
yes
2
ISO M3 x 5mm
no
B ISO M3 x 5mm (multipole only)
yes
Front panel Snap-In, 0.75” wide bezel
5
without Handleguard
no
6
without Handleguard (multipole only)
yes
Front panel Snap-In, 0.96” wide bezel
7
without Handleguard, 1-pole 0.96” wide;
no
multipole units have .105” bezel overhang on all sides
8
without Handleguard, 1-pole 0.96” wide;
yes
(multipole only) .105” bezel overhang on all sides
3 POLES
1
One
2
Two
3
Three
4
Four
5
Five
6
Six
5 AUXILIARY / ALARM SWITCH 5
5 S.P.S.T., 0.093 Q.C. Term.
0
without Aux Switch
(Gold Contacts)
1
S.P.D.T., 0.093 Q.C. Term.
7 S.P.S.T., 0.110 Q.C. Term.
2
S.P.D.T., 0.110 Q.C. Term.
(Gold Contacts)
4
S.P.D.T., 0.110 Q.C. Term.
8 S.P.S.T., 0.187 Q.C. Term.
(Gold Contacts)
9 S.P.D.T., 0.187 Q.C. Term.
6 FREQUENCY & DELAY
03 DC 50/60Hz, Switch Only
10 DC Instantaneous
11
DC Ultra Short
12 DC Short
14 DC Medium
16 DC Long
20 50/60Hz Instantaneous
21 50/60Hz Ultra Short
22 50/60Hz Short
24 50/60Hz Medium
26 50/60Hz Long
30 DC, 50/60Hz Instantaneous
31 DC, 50/60Hz Ultra Short
32 DC, 50/60Hz Short
34 DC, 50/60Hz Medium
36 DC, 50/60Hz Long
42 7 50/60Hz Short, Hi-Inrush
44 7 50/60Hz Medium, Hi-Inrush
46 7 50/60Hz Long, Hi-Inrush
52 7 DC, Short,Hi-Inrush
54 7 DC, Medium, Hi-Inrush
56 7 DC, Long, Hi-Inrush
11 AGENCY APPROVAL
C UL Recognized & CSA Accepted
D VDE Certified, UL Recognized & CSA Accepted
E TUV Certified, UL Recognized & CSA Accepted
I
UL Recognized STD 1077, UL Recognized 1500 (ignition protected),
& CSA Accepted
9 ACTUATOR COLOR & LEGEND
Actuator Color
I-O
ON-OFF
Dual
Legend Color
White
A
B
1
Black
Black
C
D
2
White
Red
F
G
3
White
Green
H
J
4
White
Blue
K
L
5
White
Yellow
M
N
6
Black
Gray
P
Q
7
Black
Orange
R
S
8
Black
Black (short handle)15
T
U
9
White
4 CIRCUIT
A 2 Switch Only (No Coil)
F 3 Relay Trip (Current)
B
Series Trip (Current)
G 3 Relay Trip (Voltage)
C
Series Trip (Voltage)
H 3,4 Dual Coil with Shunt Trip
D 3 Shunt Trip (Current)
Voltage Coil
E 3 Shunt Trip (Voltage)
K 3,4 Dual Coil with Relay Trip
Voltage Coil
Notes:
1
Actuator Code:
A: Handle tie pin spacer(s) and retainers provided un-assembled with multi-pole units.
B: Handle location as viewed from front of breaker:
2 pole - left pole
3 pole - center pole
4 pole - two handles at center poles
5 pole - three handles at center poles
6 pole - four handles at center poles
S: Handle moves to mid-position only upon electrical trip of the breaker. Available with
circuit codes B, C, D, E, F, G, H and K.
T: Handle moves to mid-position and alarm switch activates only upon electrical trip of the
breaker. Available with circuit codes B & C.
2
Switch Only circuits, rated up to 50 amps and 6 poles, and only available when tied to a
protected pole (Circuit Code B, C, D or H.), For .02 to 30 amps,
select Current Code 630. For 35 - 50 amps, select Current Code 650.
3
Available with terminal Codes 1, 2 and 3. Current Rating limited to 50A amps maximum.
4
Consult factory for available Dual Coil options, as special catalog number is required.
With Shunt construction, Dual Coils will trip instantaneously on line voltage. Dual coils
require 30VA minimum power to trip and are rated for intermittent duty only.
5
Auxiliary Switch breakers with Series Trip & Switch Only circuits: ≤ 30A - supplied with
standard half shells. 35-50A - supplied with extended boat (B-Style) half shells.
On multi-pole breakers, one auxiliary switch is supplied, mounted in the extreme right pole.
6
Separate pole type voltage coils not rated for continuous duty. Available only with delay
codes 10 and 20.
7
Available with Circuit Codes B & D only. VDE Certified to 30 amps. UL Recognized, CSA
Accepted & TUV Certified to 50 amps.
8
VDE Certification available with single pole breakers with DC Delay only. UL Recognition
and CSAAccepted available in one and two pole breakers.
9
Screw Terminals are recommended on ratings greater than 20 amps. Ratings over 30
amps are only available with Terminal Codes 5, 9, G, H, M and Q..
10 Terminal Code 1: VDE Certification up to 25 amps and UL Recognition and CSA
Certification up to 30 amps, but not recommended over 20 amps.
11 Terminal Codes 3, 5, E and H (Bus Type) with VDE, are supplied with Lock Washers,
and Terminal Code M (M6 Threaded Stud) with VDE is supplied with Lock and Flat
Washers. These breakers are only VDE Certified when the washers are used.
12 Terminal Code L: VDE Certified available up to 12A. UL Recognized & CSAAccepted
available up to 30A.
13 Single pole breakers with Terminal Code P (Printed Circuit Board) are available up to 30 amps
with VDE Certification and 50 amps with UL Recognition and CSAAccepted, with Circuit
Codes A, B and C. Two pole breakers with Terminal Code P (Printed Circuit Board) are
available up to 40 amps with UL Recognition and CSAAccepted with Circuit Codes A, B and C.
14 Terminal Code Q not available with VDE certification.
15 Single pole only.
7 CURRENT RATING (AMPERES)
CODE AMPERES
OR VOLTAGE COIL (NORMAL RATED VOLTAGE) 6
CODE AMPERES
A06 6 DC
A32 32 DC
J12 12 AC
J65
65 AC
A12 12 DC
A48 48 DC
J18 18 AC
K20 120 AC
A18 18 DC
A65 65 DC
J24 24 AC
L40 240 AC
A24 24 DC
J06
6 AC
J48 48 AC
020 0.020
025 0.025
030 0.030
035 0.035
040 0.040
045 0.045
050 0.050
055 0.055
060 0.060
065 0.065
070 0.070
075 0.075
080 0.080
085 0.085
090 0.090
095 0.095
210 0.100
215 0.150
220 0.200
225 0.250
230 0.300
235 0.350
240 0.400
245 0.450
250 0.500
255 0.550
260 0.600
265 0.650
270 0.700
275 0.750
280 0.800
285 0.850
290 0.900
295 0.950
410 1.000
512 1.250
415 1.500
517 1.750
420 2.000
522 2.250
527 2.750
430 3.000
435 3.500
440 4.000
445 4.500
450 5.000
455 5.500
460 6.000
465 6.500
470 7.000
475 7.500
480 8.000
485 8.500
490 9.000
495 9.500
610 10.000
710 10.500
611 11.000
711 11.500
612 12.000
712 12.500
613 13.000
614 14.000
615 15.000
616 16.000
617 17.000
618 18.000
620 20.000
622 22.000
624 24.000
625 25.000
630 30.000
635 8 35.000
640 8 40.000
645 8 45.000
650 8 50.000


Similar Part No. - AA1-B0-34-615-1B1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
List of Unclassifed Man...
AA100 ETC2-AA100 Datasheet
129Kb / 3P
   Maximum Gate Trigger Current 2,20 or 200uA
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
   SCRs .5A, Planar
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
More results

Similar Description - AA1-B0-34-615-1B1

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
BA1-B0-34-610-121 CARLINGTECH-BA1-B0-34-610-121 Datasheet
3Mb / 18P
   CIRUIT BREAKER
logo
Rohm
BH7623KS2 ROHM-BH7623KS2 Datasheet
674Kb / 25P
   Slilcon Monolithic integrated ciruit
logo
International Rectifier
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
logo
Molex Electronics Ltd.
0194180008 MOLEX4-0194180008 Datasheet
101Kb / 2P
   MX150L??2 Ciruit Receptacle for 18 to 22 AWG Wire
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com