Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-NRF02D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAL-NRF02D3
Description  Low amplitude imbalance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-NRF02D3 Datasheet(HTML) 4 Page - STMicroelectronics

  BAL-NRF02D3 Datasheet HTML 1Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 2Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 3Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 4Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 5Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 6Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 7Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 8Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
BAL-NRF02D3
4/11
DocID024794 Rev 6
2.2
On-board measurements
Figure 3: Transmission (Tamb = 25 °C)
Figure 4: Insertion loss (Tamb = 25 °C)
Figure 5: Return loss on SE port (Tamb = 25 °C)
Figure 6: Return loss on DIFF port (Tamb = 25 °C)
Figure 7: Amplitude imbalance (Tamb = 25 °C)
Figure 8: Phase imbalance (Tamb = 25 °C)
-0
-5
-10
-15
-20
-25
-30
dB
0
1
2
3
4
5
6
7
8
F (GHz)
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
-0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
dB
F (GHz)
2.40
2.44
2.47
2.49
2.50
-10
-11
-12
-13
-14
-15
2.41
2.42
2.43
2.45
2.46
2.48
dB
F (GHz)
-15.0
-17.5
-20.0
-22.5
-25.0
2.40
2.44
2.47
2.49
2.50
2.41
2.42
2.43
2.45
2.46
2.48
dB
F (GHz)
dB
2.40
2.44
2.47
2.49
2.50
0.5
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
2.41
2.42
2.43
2.45
2.46
2.48
F (GHz)
Degrees
2.40
2.44
2.47
2.49
2.50
15.0
12.5
10.0
7.5
5.0
2.5
0.0
-2.5
-5.0
-7.5
-7.5
-10.0
-1 .0
5
2.41
2.42
2.43
2.45
2.46
2.48
F (GHz)


Similar Part No. - BAL-NRF02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-NRF01D3 STMICROELECTRONICS-BAL-NRF01D3 Datasheet
241Kb / 8P
   50 ohm balun transformer for 2G45 ISM matched Nordic?셲 chipset: nRF24LE1 QFN32, nRF24AP2-1CH and nRF24AP2-8CH
BAL-NRF01D3 STMICROELECTRONICS-BAL-NRF01D3_13 Datasheet
519Kb / 9P
   50 ohm balun transformer for 2G45 ISM matched Nordic Semiconductor chips with ultralow power transceivers
More results

Similar Description - BAL-NRF02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
   Low amplitude imbalance
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com