Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-NRF02D3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # BAL-NRF02D3
Description  Low amplitude imbalance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-NRF02D3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BAL-NRF02D3 Datasheet HTML 3Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 4Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 5Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 6Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 7Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 8Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 9Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 10Page - STMicroelectronics BAL-NRF02D3 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
BAL-NRF02D3
8/11
DocID024794 Rev 6
3.2
Flip-chip 5 bumps packing information
Figure 12: Marking
Figure 13: Flip Chip tape and reel specifications
More packing information is available in the application note:
AN2348 Flip-
Chip: “Package description and recommendations for use”
AN4315: “BAL-NRF02D3 matched balun with integrated harmonics filter for
Nordic Semiconductor ultralow power transceivers”
x
y
x
w
z
w
Dot, ST logo
ECOPACK grade
xx = marking
z = manufacturing
location
yww = datecode


Similar Part No. - BAL-NRF02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-NRF01D3 STMICROELECTRONICS-BAL-NRF01D3 Datasheet
241Kb / 8P
   50 ohm balun transformer for 2G45 ISM matched Nordic?셲 chipset: nRF24LE1 QFN32, nRF24AP2-1CH and nRF24AP2-8CH
BAL-NRF01D3 STMICROELECTRONICS-BAL-NRF01D3_13 Datasheet
519Kb / 9P
   50 ohm balun transformer for 2G45 ISM matched Nordic Semiconductor chips with ultralow power transceivers
More results

Similar Description - BAL-NRF02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
   Low amplitude imbalance
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com