Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL-CC1101-01D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAL-CC1101-01D3
Description  Low amplitude imbalance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CC1101-01D3 Datasheet(HTML) 1 Page - STMicroelectronics

  BAL-CC1101-01D3 Datasheet HTML 1Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 2Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 3Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 4Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 5Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 6Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 7Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 8Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
May 2016
DocID025629 Rev 3
1/10
10
BAL-CC1101-01D3
50 ohm nominal input / conjugate match balun
to CC1101 / CC1150 (868-928 MHz), with integrated harmonic filter
Datasheet
production data
Features
 50
nominal input / conjugate match to
CC1101 / CC1150
 Low insertion loss
 Low amplitude imbalance
 Low phase imbalance
 Coated Flip-Chip on glass
 Small footprint: < 2.1 mm²
Benefits
 Extremely low profile (< 550 µm after reflow)
 High RF performance
 RF BOM and area reduction
Description
STMicroelectronics BAL-CC1101-01D3 is an ultra
miniature balun which integrates a matching
network in a monolithic glass substrate. This has
been customized for the CC1101 / CC1150
TI transceiver.
It’s a design using STMicroelectronics IPD
(integrated passive device) technology on non-
conductive glass substrate to optimize RF
performance.
Figure 1. Application schematic
Flip-Chip package
4 bumps
Z
BAL-CC1101-01D3
CC1101
CC1150
Harmonic
filter
www.st.com


Similar Part No. - BAL-CC1101-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-CC25-01D3 STMICROELECTRONICS-BAL-CC25-01D3 Datasheet
473Kb / 10P
   50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
November 2015 Rev 4
BAL-CC25-02D3 STMICROELECTRONICS-BAL-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
More results

Similar Description - BAL-CC1101-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
   Low amplitude imbalance
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com