Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1BF-12V-C-5 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # CA1BF-12V-C-5
Description  AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CA1BF-12V-C-5 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  CA1BF-12V-C-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CA1BF-12V-C-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CA1BF-12V-C-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) CA1BF-12V-C-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works) CA1BF-12V-C-5 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CA
385
2) Low operating power type
DIMENSIONS
1. 1 Form A/1 Form B
Rubber bracket A type
Contact
arrangement
Mounting type
Plastic sealed
type
Dust cover type
Nominal
voltage,
V DC
Pick-up voltage,
V DC (max.)
(at 20
°C 68°F)
Drop-out
voltage, V DC
(min.)
(at 20
°C 68°F)
Nominal oper-
ating current,
mA (
±10%)
(at 20
°C 68°F)
Coil resistance,
Ω (±10%) (at
20
°C 68°F)
Nominal
operating
power, mW
(at 20
°C 68°F)
Usable
voltage
range, V
DC
1 Form A
Rabber bracket A CA1aS-12V-A-5
CA1aFS-12V-A-5
12
8
0.6 to 6
120
100
1.4
10 to 16
Screw-mounting
CA1aS-12V-N-5
CA1aFS-12V-N-5
12
8
0.6 to 6
120
100
1.4
10 to 16
Direct coupling
CA1aS-12V-C-5
CA1aFS-12V-C-5
12
8
0.6 to 6
120
100
1.4
10 to 16
1 Form B
Rabber bracket A CA1bS-12V-A-5
CA1bFS-12V-A-5
12
8
0.6 to 6
120
100
1.4
10 to 16
Screw-mounting
CA1bS-12V-N-5
CA1bFS-12V-N-5
12
8
0.6 to 6
120
100
1.4
10 to 16
Direct coupling
CA1bS-12V-C-5
CA1bFS-12V-C-5
12
8
0.6 to 6
120
100
1.4
10 to 16
21.5
.846
19.5
.768
9
.354
37
1.457
14.4
.567
17.4
.685
10
.394
15
.591
2.5
.098
6
.236
21.5
.846
17
.669
0.8
.031
15.4
.606
12.4
.488
5.5
.217
2.4
.094
1.5
.059
2
.079
Sealed with
epoxy resin
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
mm inch
SCHEMATIC (Bottom View)
1 Form A
Including load
(1 Form A)
Including diode
(1 Form C)
1 Form B
Including diode type, including load type also available.
2. 1 Form A/1 Form B
Screw-mounting type
14
.551
9
.354
2 .079
17.4
.685
21.5 .846
3 .118
14.4
.567
6 .236
0.8
.031
15.4
.606
12.4
.488
5.5
.217
2.4
.094
17.5
.689
37
1.457
7
.276
R10
6.5
dia. hole
+0.3
0
.256
dia.
+.012
0
Sealed with
epoxy resin
19.5 .768
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
SCHEMATIC (Bottom View)
1 Form A
Including load
(1 Form A)
Including diode
(1 Form C)
1 Form B
Including diode type, including load type also available.


Similar Part No. - CA1BF-12V-C-5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CA1BF-12V-C-5 PANASONIC-CA1BF-12V-C-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
More results

Similar Description - CA1BF-12V-C-5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CA1A-12V-A-5 PANASONIC-CA1A-12V-A-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com