Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-E42 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CP-E42
Description  Dimensions for product: E42/21/15
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-E42 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CP-E42 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CP-E42 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E42/21/15
Core
Product specifications
Power loss: 3C95
Measuring conditions
Unit
Max
100 kHz
W/set
8.300
200 mT
100 ºC
100 kHz
W/set
9.000
200 mT
25 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
2.600
50 mT
100 ºC
500 kHz
W/set
20.000
100 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
25 kHz
mT
370
250 A/m
100 ºC
3C92
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
340
250 A/m
100 ºC
3F36
Description
Accessories
Ordering code
Ordering name
CLA-E42/21/15
432202100931
Clasp
CP-E42/21/15-1S
432202102641
Coil former, termoplastic
CPH-E42/21/15-1S-10P
432202131833
Coil former, termoplastic, horizontal
SPR-E42/21/15
432202100921
Spring
2016


Similar Part No. - CP-E42

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E42-1S FERROXCUBE-CP-E42-1S Datasheet
37Kb / 1P
   E cores and accessories
More results

Similar Description - CP-E42

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-E42 FERROXCUBE-CLA-E42_17 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
SPR-E42-21-15 FERROXCUBE-SPR-E42-21-15 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
CPH-E42 FERROXCUBE-CPH-E42 Datasheet
74Kb / 2P
   Dimensions for product: E42/21/15
CP-E55 FERROXCUBE-CP-E55 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
SPR-E55-28-21 FERROXCUBE-SPR-E55-28-21 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
CLA-E55 FERROXCUBE-CLA-E55_17 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
CLA-E30 FERROXCUBE-CLA-E30_17 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CP-E30 FERROXCUBE-CP-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CLI-EFD30 FERROXCUBE-CLI-EFD30_17 Datasheet
75Kb / 2P
   Dimensions for product: EFD30/15/9
CSH-E30 FERROXCUBE-CSH-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com