Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C10 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C10
Description  Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C10 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C10 Datasheet HTML 1Page - National Semiconductor (TI) MM74C10 Datasheet HTML 2Page - National Semiconductor (TI) MM74C10 Datasheet HTML 3Page - National Semiconductor (TI) MM74C10 Datasheet HTML 4Page - National Semiconductor (TI) MM74C10 Datasheet HTML 5Page - National Semiconductor (TI) MM74C10 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MM54C00MM74C00 MM54C02MM74C02 MM54C04MM74C04
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
50
90
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
30
60
ns
CIN
Input Capacitance
(Note 2)
60
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate or Inverter
12
pF
MM54C10MM74C10
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
60
100
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
35
70
ns
CIN
Input Capacitance
(Note 2)
70
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
18
pF
MM54C20MM74C20
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
70
115
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
40
80
ns
CIN
Input Capacitance
(Note 2)
9
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
30
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application
NoteAN-90
Typical Performance Characteristics
Gate Transfer Characteristics
Over Temperature vs VCC
Guaranteed Noise Margin
Power Dissipation vs Frequency
MM54C02MM74C02
MM54C00MM74C00
MM54C04MM74C04
TLF5877 – 6
3


Similar Part No. - MM74C10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C14 NSC-MM74C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14 FAIRCHILD-MM74C14 Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
Silicon Supplies
MM74C14 SS-MM74C14 Datasheet
602Kb / 5P
   CMOS High Voltage Logic
Rev 1.0 17/02/2023
MM74C14J SS-MM74C14J Datasheet
690Kb / 4P
   CMOS High Voltage Logic
Rev 1.0 17/02/2023
More results

Similar Description - MM74C10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com