Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB772NUT3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # BTB772NUT3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772NUT3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  BTB772NUT3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772NUT3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772NUT3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772NUT3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB772NUT3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB772NUT3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C631T3
Issued Date : 2017.04.18
Revised Date:
Page:6/6
BTB772NUT3
CYStek Product Specification
TO-126 Dimension
*: Typical
Millimeters
Inches
Millimeters
Inches
Style: Pin 1.Emitter 2.Collector 3.Base
3-Lead TO-126 Plastic Package
CYStek Package Code: T3
Marking:
B772
P □□
Date Code
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
2.500
2.900
0.098
0.114
e
*2.290
*0.090
A1
1.100
1.500
0.043
0.059
e1
4.480
4.680
0.176
0.184
b
0.660
0.860
0.026
0.034
h
0.000
0.300
0.000
0.012
b1
1.170
1.370
0.046
0.054
L
15.300
15.700
0.602
0.618
c
0.450
0.600
0.018
0.024
L1
2.100
2.300
0.083
0.091
D
7.400
7.800
0.291
0.307
P
3.900
4.100
0.154
0.161
E
10.600
11.000
0.417
0.433
Φ
3.000
3.200
0.118
0.126
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - BTB772NUT3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB772NUJ3 CYSTEKEC-BTB772NUJ3 Datasheet
324Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772NUJ3-P-T3-G CYSTEKEC-BTB772NUJ3-P-T3-G Datasheet
324Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB772NUT3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com