Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB9D0N10RE3-0-UB-X Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB9D0N10RE3-0-UB-X
Description  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB9D0N10RE3-0-UB-X Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB9D0N10RE3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB9D0N10RE3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C169E3
Issued Date : 2017.02.14
Revised Date : 2017.04.05
Page No. : 5/ 8
MTB9D0N10RE3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0
5
10
15
20
25
30
35
40
45
50
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=250
μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
Ta=25°C
Pulsed
VDS=10V
VDS=15V
Gate Charge Characteristics
0
2
4
6
8
10
0
10
203040
5060
7080
Qg, Total Gate Charge(nC)
ID=13A
VDS=80V
VDS=20V
VDS=50V
Maximum Safe Operating Area
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
TC=25°C, Tj=175°C
VGS=10V, RθJC=1.5°C/W
Single Pulse
DC
100ms
RDSON
Limited
10
μs
100
μs
1ms
10ms
Maximum Drain Current vs Case Temperature
0
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
175
200
TC, Case Temperature(°C)
VGS=10V, RθJC=1.5°C/W


Similar Part No. - MTB9D0N10RE3-0-UB-X

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB9D0N10RQ8 CYSTEKEC-MTB9D0N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RQ8-0-T3-G CYSTEKEC-MTB9D0N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB9D0N10RE3-0-UB-X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com