Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB020N03V8-0-T6-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTB020N03V8-0-T6-G
Description  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03V8-0-T6-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB020N03V8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03V8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C737V8
Issued Date : 2017.03.06
Revised Date :
Page No. : 1/9
MTB020N03V8
CYStek Product Specification
N -Channel Enhancement Mode Power MOSFET
MTB020N03V8
BVDSS
30V
ID@VGS=10V, TA=25°C
10A
ID@VGS=10V, TC=25°C
18A
VGS=10V, ID=10A
14.0mΩ
RDSON(TYP)
VGS=4.5V, ID=8A
17.5mΩ
Features
• Low Gate Charge
• Simple Drive Requirement
• Pb-free lead plating package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB020N03V8-0-T6-G
DFN3×3
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
DFN3×3
MTB020N03V8
G:Gate D:Drain S:Source
Pin 1
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T6 : 3000 pcs / tape & reel,13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTB020N03V8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTB020N03V8 DOINGTER-MTB020N03V8 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTB020N03V8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com